Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CX1085-3.3 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce CX1085-3.3
Description  3A Low dropout voltage regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

CX1085-3.3 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  CX1085-3.3 Datasheet HTML 1Page - List of Unclassifed Manufacturers CX1085-3.3 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CX1085
3A Low dropout voltage regulator
SICORE
FEATURES
APPLICATIONS
ORDERING INFORMATION
PACKAGE TYPE
OPERATING JUNCTION
TEMPERATURE RANGE
TO-263-2&3
TO-252-2
TO-220
CX1085-ADJ
CX1085-ADJ
CX1085-ADJ
0 to 125° C
CX1085-1.5
CX1085-1.5
CX1085-1.5
0 to 125° C
CX1085-1.8
CX1085-1.8
CX1085-1.8
0 to 125° C
CX1085-2.5
CX1085-2.5
CX1085-2.5
0 to 125° C
CX1085-2.85
CX1085-2.85
CX1085-2.85
0 to 125° C
CX1085-3.3
CX1085-3.3
CX1085-3.3
0 to 125° C
CX1085--5.0
CX1085-5.0
CX1085-5.0
0 to 125° C
Three Terminal Adjustable or Fixed Voltages 1.5V,
1.8V, 2.5V, 2.85V, 3.3V and 5.0V
Output Current of 3A
Operates Down to 1V Dropout
Line Regulation: 0.2% Max.
Load Regulation: 0.4% Max.
TO-263-2,TO-263-3,TO252-2 and TO-220 package
available
TO-263-2
High Efficiency Linear Regulators
Post Regulators for Switching Supplies
Microprocessor Supply
Constant Current Regulators
Power Management for Notebook
Battery Chargers
Notebook/Personal Computer Supplies
Portable Instrumentation
TO-263-3
TO-252-2
TO-220


Numéro de pièce similaire - CX1085-3.3

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
CX1084 ETC2-CX1084 Datasheet
149Kb / 9P
   5A Low dropout voltage regulator
CX1084-1.5 ETC2-CX1084-1.5 Datasheet
149Kb / 9P
   5A Low dropout voltage regulator
CX1084-2.5 ETC2-CX1084-2.5 Datasheet
149Kb / 9P
   5A Low dropout voltage regulator
CX1084-2.85 ETC2-CX1084-2.85 Datasheet
149Kb / 9P
   5A Low dropout voltage regulator
CX1084-3.0 ETC2-CX1084-3.0 Datasheet
149Kb / 9P
   5A Low dropout voltage regulator
More results

Description similaire - CX1085-3.3

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
SPX29300 EXAR-SPX29300 Datasheet
648Kb / 10P
   3A Low Dropout Voltage Regulator
SPX1587 EXAR-SPX1587 Datasheet
622Kb / 11P
   3A Low Dropout Voltage Regulator
SPX29300 EXAR-SPX29300_16 Datasheet
660Kb / 10P
   3A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085_05 Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
XRP29302ETBTR-L EXAR-XRP29302ETBTR-L Datasheet
2Mb / 9P
   3A Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX1587 SIPEX-SPX1587 Datasheet
171Kb / 7P
   3A Low Dropout Voltage Regulator
logo
List of Unclassifed Man...
CM1582 ETC2-CM1582 Datasheet
256Kb / 11P
   3A LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
XRP29302 EXAR-XRP29302 Datasheet
1Mb / 9P
   3A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085 Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1587 ADMOS-AMS1587 Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com