Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXK79M72C165GB Fiches technique(PDF) 9 Page - Sony Corporation

No de pièce CXK79M72C165GB
Description  18Mb 1x1Dp LVCMOS High Speed Synchronous SRAMs (256Kb x 72 or 512Kb x 36)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK79M72C165GB Fiches technique(HTML) 9 Page - Sony Corporation

Back Button CXK79M72C165GB Datasheet HTML 5Page - Sony Corporation CXK79M72C165GB Datasheet HTML 6Page - Sony Corporation CXK79M72C165GB Datasheet HTML 7Page - Sony Corporation CXK79M72C165GB Datasheet HTML 8Page - Sony Corporation CXK79M72C165GB Datasheet HTML 9Page - Sony Corporation CXK79M72C165GB Datasheet HTML 10Page - Sony Corporation CXK79M72C165GB Datasheet HTML 11Page - Sony Corporation CXK79M72C165GB Datasheet HTML 12Page - Sony Corporation CXK79M72C165GB Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
SONY®
ΣRAM
CXK79M72C165GB / CXK79M36C165GB
Preliminary
18Mb 1x1Dp, LVCMOS, rev 1.3
9 / 29
November 18, 2003
Absolute Maximum Ratings
Note: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only, and functional operation of the device at these or any other conditions other than those indicated
in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
BGA Package Thermal Characteristics
I/O Capacitance
(TA = 25
oC, f = 1 MHz)
Note: These parameters are sampled and are not 100% tested.
Parameter
Symbol
Rating
Units
Supply Voltage
VDD
-0.5 to +2.5
V
Output Supply Voltage
VDDQ
-0.5 to +2.3
V
Input Voltage (Address, Control, Data, Clock)
VIN
-0.5 to VDDQ+0.5 (2.3V max)
V
Input Voltage (EP2, EP3, MCL, MCH, ZQ)
VMIN
-0.5 to VDD+0.5 (2.5V max)
V
Input Voltage (TCK, TMS, TDI)
VTIN
-0.5 to VDD+0.5 (2.5V max)
V
Operating Temperature (-3, -33)
TA
0 to 70
°C
Operating Temperature (-4)
TA
0 to 85
°C
Junction Temperature
TJ
0 to 110
°C
Storage Temperature
TSTG
-55 to 150
°C
Parameter
Symbol
Rating
Units
Junction to Case Temperature
Θ
JC
3.6
°C/W
Parameter
Symbol
Test conditions
Min
Max
Units
Input Capacitance
Address
CIN
VIN = 0V
---
3.5
pF
Control
CIN
VIN = 0V
---
3.5
pF
CK Clock
CKIN
VKIN = 0V
---
4.0
pF
Output Capacitance
Data
COUT
VOUT = 0V
---
4.5
pF
CQ Clock
COUT
VOUT = 0V
---
4.5
pF


Numéro de pièce similaire - CXK79M72C165GB

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXK79M72C164GB SONY-CXK79M72C164GB Datasheet
476Kb / 28P
   18Mb 1x1Dp HSTL High Speed Synchronous SRAMs (256Kb x 72 or 512Kb x 36)
More results

Description similaire - CXK79M72C165GB

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXK79M72C164GB SONY-CXK79M72C164GB Datasheet
476Kb / 28P
   18Mb 1x1Dp HSTL High Speed Synchronous SRAMs (256Kb x 72 or 512Kb x 36)
CXK79M36C162GB SONY-CXK79M36C162GB Datasheet
400Kb / 25P
   18Mb 1x2Lp HSTL High Speed Synchronous SRAMs (512Kb x 36)
logo
GSI Technology
GS816218B GSI-GS816218B Datasheet
1Mb / 41P
   1M x 18, 512K x 36, 256K x 72 18Mb Sync Burst SRAMs
logo
Integrated Silicon Solu...
IS61NSCS25672 ISSI-IS61NSCS25672 Datasheet
182Kb / 32P
   RAM 256K x 72, 512K x 36 18Mb Synchronous SRAM
logo
GSI Technology
GS816272C GSI-GS816272C Datasheet
1Mb / 31P
   256K x 72 18Mb Sync Burst SRAMs
GS8161E18BT GSI-GS8161E18BT Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18BT-V GSI-GS8161E18BT-V Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18T GSI-GS8160E18T Datasheet
622Kb / 25P
   1M x 18, 512K x 36 18Mb Sync Burst SRAMs
GS816273C GSI-GS816273C Datasheet
516Kb / 25P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
logo
Sony Corporation
CXK77P36E160GB SONY-CXK77P36E160GB Datasheet
257Kb / 25P
   16Mb LW R-L HSTL High Speed Synchronous SRAMs (512K x 36 or 1M x 18)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com