Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXK79M72C164GB Fiches technique(PDF) 10 Page - Sony Corporation

No de pièce CXK79M72C164GB
Description  18Mb 1x1Dp HSTL High Speed Synchronous SRAMs (256Kb x 72 or 512Kb x 36)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK79M72C164GB Fiches technique(HTML) 10 Page - Sony Corporation

Back Button CXK79M72C164GB Datasheet HTML 6Page - Sony Corporation CXK79M72C164GB Datasheet HTML 7Page - Sony Corporation CXK79M72C164GB Datasheet HTML 8Page - Sony Corporation CXK79M72C164GB Datasheet HTML 9Page - Sony Corporation CXK79M72C164GB Datasheet HTML 10Page - Sony Corporation CXK79M72C164GB Datasheet HTML 11Page - Sony Corporation CXK79M72C164GB Datasheet HTML 12Page - Sony Corporation CXK79M72C164GB Datasheet HTML 13Page - Sony Corporation CXK79M72C164GB Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
SONY®
ΣRAM
CXK79M72C164GB / CXK79M36C164GB
Preliminary
18Mb 1x1Dp, HSTL, rev 1.3
10 / 28
June 19, 2003
DC Recommended Operating Conditions
(VSS =0V, TA =0 to 70
oC)
1. The peak-to-peak AC component superimposed on VREF may not exceed 5% of the DC component.
2. VIH (max) AC = VDDQ + 0.9V for pulse widths less than one-quarter of the cycle time (tCYC/4).
3. VIL (min) AC = -0.9V for pulse widths less than one-quarter of the cycle time (tCYC/4).
4. If only the CK Input Clock is used, CK must be connected to VREF, and CK must meet the VIH and VIL parameters.
5. VKIN,VDIF,and VCM apply only if differential Input Clocks are used.
Parameter
Symbol
Min
Typ
Max
Units
Notes
Supply Voltage
VDD
1.7
1.8
1.95
V
Output Supply Voltage
VDDQ
1.4
---
VDD
V
Input Reference Voltage
VREF
VDDQ/2 - 0.1
VDDQ/2
VDDQ/2 + 0.1
V
1
Input High Voltage (Address, Control, Data)
VIH
VREF +0.2
---
VDDQ +0.3
V
2
Input Low Voltage (Address, Control, Data)
VIL
-0.3
---
VREF -0.2
V
3
Input High Voltage (EP2, EP3, MCH)
VMIH
VREF +0.3
---
VDD +0.3
V
Input Low Voltage (EP2, EP3, MCL)
VMIL
-0.3
---
VREF -0.3
V
Clock Input Signal Voltage
VKIN
-0.3
---
VDDQ + 0.3
V
2,3,4,5
Clock Input Differential Voltage
VDIF
0.4
---
VDDQ +0.6
V
5
Clock Input Common Mode Voltage
VCM
VDDQ/2 - 0.1
VDDQ/2
VDDQ/2 + 0.1
V
5


Numéro de pièce similaire - CXK79M72C164GB

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXK79M72C165GB SONY-CXK79M72C165GB Datasheet
450Kb / 29P
   18Mb 1x1Dp LVCMOS High Speed Synchronous SRAMs (256Kb x 72 or 512Kb x 36)
More results

Description similaire - CXK79M72C164GB

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXK79M72C165GB SONY-CXK79M72C165GB Datasheet
450Kb / 29P
   18Mb 1x1Dp LVCMOS High Speed Synchronous SRAMs (256Kb x 72 or 512Kb x 36)
CXK79M36C162GB SONY-CXK79M36C162GB Datasheet
400Kb / 25P
   18Mb 1x2Lp HSTL High Speed Synchronous SRAMs (512Kb x 36)
CXK77P36E160GB SONY-CXK77P36E160GB Datasheet
257Kb / 25P
   16Mb LW R-L HSTL High Speed Synchronous SRAMs (512K x 36 or 1M x 18)
logo
GSI Technology
GS816218B GSI-GS816218B Datasheet
1Mb / 41P
   1M x 18, 512K x 36, 256K x 72 18Mb Sync Burst SRAMs
logo
Integrated Silicon Solu...
IS61NSCS25672 ISSI-IS61NSCS25672 Datasheet
182Kb / 32P
   RAM 256K x 72, 512K x 36 18Mb Synchronous SRAM
logo
GSI Technology
GS816272C GSI-GS816272C Datasheet
1Mb / 31P
   256K x 72 18Mb Sync Burst SRAMs
GS8161E18BT GSI-GS8161E18BT Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18BT-V GSI-GS8161E18BT-V Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18T GSI-GS8160E18T Datasheet
622Kb / 25P
   1M x 18, 512K x 36 18Mb Sync Burst SRAMs
GS816273C GSI-GS816273C Datasheet
516Kb / 25P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com