Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXK77K18R320GB-4 Fiches technique(PDF) 10 Page - Sony Corporation

No de pièce CXK77K18R320GB-4
Description  32Mb LW R-R HSTL High Speed Synchronous SRAM (2Mb x 18)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK77K18R320GB-4 Fiches technique(HTML) 10 Page - Sony Corporation

Back Button CXK77K18R320GB-4 Datasheet HTML 6Page - Sony Corporation CXK77K18R320GB-4 Datasheet HTML 7Page - Sony Corporation CXK77K18R320GB-4 Datasheet HTML 8Page - Sony Corporation CXK77K18R320GB-4 Datasheet HTML 9Page - Sony Corporation CXK77K18R320GB-4 Datasheet HTML 10Page - Sony Corporation CXK77K18R320GB-4 Datasheet HTML 11Page - Sony Corporation CXK77K18R320GB-4 Datasheet HTML 12Page - Sony Corporation CXK77K18R320GB-4 Datasheet HTML 13Page - Sony Corporation CXK77K18R320GB-4 Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
SONY®
CXK77K18R320GB
Preliminary
32Mb LW R-R, rev 0.8
10 / 23
December 8, 2004
AC Test Conditions (V
DDQ = 1.8V)
(VDD = VDDQ = 1.8V ± 0.1V, TA = 0 to 85°C)
Item
Symbol
Conditions
Units
Notes
Input Reference Voltage
VREF
0.9
V
Input High Level
VIH
1.4
V
Input Low Level
VIL
0.4
V
Input Rise & Fall Time
2.0
V/ns
Input Reference Level
0.9
V
Clock Input High Voltage
VKIH
1.4
V
VDIF = 1.0V
Clock Input Low Voltage
VKIL
0.4
V
VDIF = 1.0V
Clock Input Common Mode Voltage
VCM
0.9
V
Clock Input Rise & Fall Time
2.0
V/ns
Clock Input Reference Level
K/K cross
V
Output Reference Level
0.9
V
Output Load Conditions
RQ = 250
See Figure 2
below
Figure 2: AC Test Output Load (VDDQ = 1.8V)
50
16.7
16.7
0.9V
50
DQ
50
0.9V
16.7
50


Numéro de pièce similaire - CXK77K18R320GB-4

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXK77K36R320GB SONY-CXK77K36R320GB Datasheet
177Kb / 22P
   32Mb LW R-R HSTL High Speed Synchronous SRAM (1Mb x 36)
CXK77K36R320GB-3 SONY-CXK77K36R320GB-3 Datasheet
177Kb / 22P
   32Mb LW R-R HSTL High Speed Synchronous SRAM (1Mb x 36)
CXK77K36R320GB-33 SONY-CXK77K36R320GB-33 Datasheet
177Kb / 22P
   32Mb LW R-R HSTL High Speed Synchronous SRAM (1Mb x 36)
CXK77K36R320GB-4 SONY-CXK77K36R320GB-4 Datasheet
177Kb / 22P
   32Mb LW R-R HSTL High Speed Synchronous SRAM (1Mb x 36)
More results

Description similaire - CXK77K18R320GB-4

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXK77K36R320GB SONY-CXK77K36R320GB Datasheet
177Kb / 22P
   32Mb LW R-R HSTL High Speed Synchronous SRAM (1Mb x 36)
CXK77P36E160GB SONY-CXK77P36E160GB Datasheet
257Kb / 25P
   16Mb LW R-L HSTL High Speed Synchronous SRAMs (512K x 36 or 1M x 18)
logo
AMIC Technology
A63L0618 AMICC-A63L0618 Datasheet
243Kb / 17P
   1M X 18 Bit Synchronous High Speed SRAM
logo
GSI Technology
GS82032AT GSI-GS82032AT Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
GS820E32AT GSI-GS820E32AT Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
logo
Integrated Silicon Solu...
IS61NLP102436A ISSI-IS61NLP102436A Datasheet
228Kb / 22P
   1Mb x 36 and 2Mb x 18 STATE BUS SRAM
logo
Sony Corporation
CXK79M36C162GB SONY-CXK79M36C162GB Datasheet
400Kb / 25P
   18Mb 1x2Lp HSTL High Speed Synchronous SRAMs (512Kb x 36)
logo
Cypress Semiconductor
CY7C1297A CYPRESS-CY7C1297A Datasheet
162Kb / 13P
   64K X 18 Synchronous Burst SRAM
logo
Micron Technology
MT58L128L18F MICRON-MT58L128L18F Datasheet
481Kb / 24P
   2Mb: 128K x 18, 64K x 32/36 FLOW-THROUGH SYNCBURST SRAM
logo
AMIC Technology
A63L83361 AMICC-A63L83361_15 Datasheet
207Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com