Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXM3512EQ Fiches technique(PDF) 5 Page - Sony Corporation

No de pièce CXM3512EQ
Description  SP9T GSM/UMTS Dual Mode Antenna Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXM3512EQ Fiches technique(HTML) 5 Page - Sony Corporation

  CXM3512EQ Datasheet HTML 1Page - Sony Corporation CXM3512EQ Datasheet HTML 2Page - Sony Corporation CXM3512EQ Datasheet HTML 3Page - Sony Corporation CXM3512EQ Datasheet HTML 4Page - Sony Corporation CXM3512EQ Datasheet HTML 5Page - Sony Corporation CXM3512EQ Datasheet HTML 6Page - Sony Corporation CXM3512EQ Datasheet HTML 7Page - Sony Corporation CXM3512EQ Datasheet HTML 8Page - Sony Corporation CXM3512EQ Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CXM3512EQ
- 5 -
Electrical Characteristics
(VDD = 2.5V, Vctl = 2.5V, Ta = 25°C)
*1
Frequency = 824 to 849, 890 to 915MHz, Input signal is burst, Pin = +34dBm
*2
Frequency = 1710 to 1785, 1850 to 1910MHz, Input signal is burst, Pin = +32dBm
*3
Frequency = 810 to 855/1710 to 1980MHz, Input signal is CW, Pin = +29dBm
*4
Frequency = 869 to 894, 935 to 960/1805 to 1880, 1930 to 1990MHz, Input signal is CW, Pin = –5dBm
*5
Frequency = 855 to 900/1930 to 1990, 2110 to 2170MHz, Input signal is CW, Pin = –5dBm
Item
Symbol
Path
Condition
Min.
Typ.
Max.
Unit
Insertion
loss
IL
Tx1 – Ant
*1
0.80
0.95
dB
Tx2 – Ant
*2
0.95
1.20
Ant – TRx1 (Tx)
*3
0.40/0.65
0.55/0.85
Ant – TRx2 (Tx)
*3
0.40/0.65
0.55/0.85
Ant – TRx3 (Tx)
*3
0.40/0.65
0.55/0.85
Ant – Rx1
*4
0.65/1.10
0.80/1.25
Ant – Rx2
*4
0.65/1.10
0.80/1.25
Ant – Rx3
*4
0.65/1.10
0.80/1.25
Ant – Rx4
*4
0.65/1.10
0.80/1.25
Ant – TRx1 (Rx)
*5
0.40/0.75
0.55/0.90
Ant – TRx2 (Rx)
*5
0.40/0.75
0.55/0.90
Ant – TRx3 (Rx)
*5
0.40/0.75
0.55/0.90


Numéro de pièce similaire - CXM3512EQ

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXM3513ER SONY-CXM3513ER Datasheet
183Kb / 7P
   High Power DP3T Switch with Logic Control
CXM3517BER SONY-CXM3517BER Datasheet
227Kb / 10P
   SP7T Antenna Switch Module for GSM and UMTS or CDMA Dual Mode Handset
CXM3519ER SONY-CXM3519ER Datasheet
320Kb / 19P
   SP9T/10T Antenna Switch Module for GSM and UMTS/CDMA Dual Mode Handset
More results

Description similaire - CXM3512EQ

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXG1230EQ SONY-CXG1230EQ Datasheet
213Kb / 13P
   SP9T GSM/UMTS Dual Mode Antenna Switch
CXM3529XR SONY-CXM3529XR Datasheet
203Kb / 10P
   SP9T Antenna Switch for GSM/UMTS Dual Mode
CXM3519ER SONY-CXM3519ER Datasheet
320Kb / 19P
   SP9T/10T Antenna Switch Module for GSM and UMTS/CDMA Dual Mode Handset
CXG1198AEQ SONY-CXG1198AEQ Datasheet
143Kb / 11P
   SP8T GSM/UMTS Dual Mode Antenna Switch
CXM3539XR SONY-CXM3539XR Datasheet
253Kb / 12P
   SP8T Antenna Switch for GSM/UMTS Dual Mode Handsets
CXM3543AER SONY-CXM3543AER Datasheet
306Kb / 26P
   3P10T Antenna Switch for GSM/UMTS Dual Mode Phones
CXM3524ER SONY-CXM3524ER Datasheet
301Kb / 29P
   3P10T Antenna Switch for GSM/UMTS Dual Mode Phones
CXM3560XR SONY-CXM3560XR Datasheet
239Kb / 12P
   SP10T Antenna Switch for GSM/UMTS Dual Mode Handsets
logo
List of Unclassifed Man...
CXG1190EQ ETC-CXG1190EQ Datasheet
47Kb / 2P
   GSM/UMTS Dual Mode Terminal Ultralow Loss Antenna Switch Module
logo
Sony Corporation
CXM3525ER SONY-CXM3525ER Datasheet
278Kb / 14P
   DP10T Antenna Switch Module for GSM/UMTS Dual Mode Phones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com