Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA3355AER Fiches technique(PDF) 1 Page - Sony Corporation

No de pièce CXA3355AER
Description  GPS Down Converter IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3355AER Fiches technique(HTML) 1 Page - Sony Corporation

  CXA3355AER Datasheet HTML 1Page - Sony Corporation CXA3355AER Datasheet HTML 2Page - Sony Corporation CXA3355AER Datasheet HTML 3Page - Sony Corporation CXA3355AER Datasheet HTML 4Page - Sony Corporation CXA3355AER Datasheet HTML 5Page - Sony Corporation CXA3355AER Datasheet HTML 6Page - Sony Corporation CXA3355AER Datasheet HTML 7Page - Sony Corporation CXA3355AER Datasheet HTML 8Page - Sony Corporation CXA3355AER Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
- 1 -
E06702-CR
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license
by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating
the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXA3355AER
GPS Down Converter IC
Description
The CXA3355AER is an IC developed as a GPS RF down converter. This IC realizes a reduction in the number
of external parts by integrating an LNA, image rejection mixer, IF filter, PLL and VCO (L, C) into a small
package with low current consumption.
(Applications: GPS down converter IC)
Features
Includes all functions required for the GPS down converter
Low voltage operation: VCC = 1.6 to 2.0V
Low current consumption (active mode): 11mA (Typ. at VCC = 1.8V, IF
≈ 1MHz)
Low current consumption (power save mode) < 1
μA
Total gain
≈ 100dB
Total NF
≈ 4dB
On-chip VCO and PLL
Supports typical TCXO frequencies (13MHz, 16.368MHz, 18.414MHz, etc.)
On-chip LNA (LNA NF: 2.0dB)
Image rejection mixer
On-chip IF filter, and an external filter can be connected as an option for further band narrowing.
1-bit IF output
Antenna sense function
Structure
SiGe BiCMOS monolithic IC
Package
44 pin VQFN (Plastic)


Numéro de pièce similaire - CXA3355AER

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3355ER SONY-CXA3355ER Datasheet
295Kb / 28P
   GPS Down Converter IC
CXA3355ERVQFN SONY-CXA3355ERVQFN Datasheet
295Kb / 28P
   GPS Down Converter IC
CXA3355TQ SONY-CXA3355TQ Datasheet
258Kb / 21P
   GPS Down Converter IC
More results

Description similaire - CXA3355AER

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3355ER SONY-CXA3355ER Datasheet
295Kb / 28P
   GPS Down Converter IC
CXA3355TQ SONY-CXA3355TQ Datasheet
258Kb / 21P
   GPS Down Converter IC
logo
Panasonic Semiconductor
AN18401A PANASONIC-AN18401A Datasheet
245Kb / 8P
   Down Converter IC for GPS
logo
Sony Corporation
CXA1951AQ SONY-CXA1951AQ Datasheet
364Kb / 16P
   GPS Down Converter
CXA1951Q SONY-CXA1951Q Datasheet
189Kb / 6P
   GPS Down Converter
logo
Sanyo Semicon Device
LA8153LF SANYO-LA8153LF Datasheet
176Kb / 7P
   Down Converter IC
logo
ON Semiconductor
LA8153QA ONSEMI-LA8153QA Datasheet
132Kb / 7P
   Down Converter IC
February, 2014
logo
Sony Corporation
CXA3008N-1 SONY-CXA3008N-1 Datasheet
225Kb / 12P
   L-BAND DOWN CONVERTER IC
logo
NEC
UPC2782GR NEC-UPC2782GR Datasheet
190Kb / 20P
   L BAND DOWN CONVERTER IC
logo
ATMEL Corporation
ATR2809 ATMEL-ATR2809_06 Datasheet
172Kb / 3P
   5.8-GHz Down Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com