Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF7306QPBF Fiches technique(PDF) 1 Page - International Rectifier

No de pièce IRF7306QPBF
Description  HEXFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF7306QPBF Fiches technique(HTML) 1 Page - International Rectifier

  IRF7306QPBF Datasheet HTML 1Page - International Rectifier IRF7306QPBF Datasheet HTML 2Page - International Rectifier IRF7306QPBF Datasheet HTML 3Page - International Rectifier IRF7306QPBF Datasheet HTML 4Page - International Rectifier IRF7306QPBF Datasheet HTML 5Page - International Rectifier IRF7306QPBF Datasheet HTML 6Page - International Rectifier IRF7306QPBF Datasheet HTML 7Page - International Rectifier IRF7306QPBF Datasheet HTML 8Page - International Rectifier IRF7306QPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
Description
IRF7306QPbF
VDSS = -30V
RDS(on) = 0.10Ω
Parameter
Max.
Units
ID @ TA = 25°C
10 Sec. Pulsed Drain Current, VGS @ -10V
-4.0
ID @ TA = 25°C
Continuous Drain Current, VGS @ -10V
-3.6
ID @ TA = 70°C
Continuous Drain Current, VGS @ -10V
-2.9
IDM
Pulsed Drain Current 
-14
PD@TA = 25°C
Power Dissipation
2.0
W
Linear Derating Factor
0.016
W/°C
VGS
Gate-to-Source Voltage
±20
V
dv/dt
Peak Diode Recovery dv/dt ‚
-5.0
V/ns
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
A
D1
D1
D2
D2
G1
S2
G2
S1
Top View
8
1
2
3
4
5
6
7
07/23/07
Thermal Resistance Ratings
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient„
–––
62.5
°C/W
l
Advanced Process Technology
l
Ultra Low On-Resistance
l
Dual P Channel MOSFET
l
Surface Mount
l
Available in Tape & Reel
l
150°C Operating Temperature
l
Automotive [Q101] Qualified
l
Lead-Free
Specifically designed for Automotive applications, these
HEXFET® Power MOSFET's in a Dual SO-8 package utilize
the lastest processing techniques to achieve extremely low
on-resistance per silicon area. Additional features of these
Automotive qualified HEXFET Power MOSFET's are a
150°C junction operating temperature, fast switching
speed and improved repetitive avalanche rating. These
benefits combine to make this design an extremely efficient
and reliable device for use in Automotive applications and
a wide variety of other applications.
The efficient SO-8 package provides enhanced thermal
characteristics and dual MOSFET die capability making it
ideal in a variety of power applications. This dual, surface
mount SO-8 can dramatically reduce board space and is
also available
in Tape & Reel.
SO-8
www.irf.com
1
PD - 96105


Numéro de pièce similaire - IRF7306QPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7306QPBF IRF-IRF7306QPBF_10 Datasheet
247Kb / 9P
   HEXFETPOWERMOSFET
More results

Description similaire - IRF7306QPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com