Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP1G00GW Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce 74AUP1G00GW
Description  Low-power 2-input NAND gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G00GW Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button 74AUP1G00GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1G00GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G00GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G00GW Datasheet HTML 9Page - NXP Semiconductors 74AUP1G00GW Datasheet HTML 10Page - NXP Semiconductors 74AUP1G00GW Datasheet HTML 11Page - NXP Semiconductors 74AUP1G00GW Datasheet HTML 12Page - NXP Semiconductors 74AUP1G00GW Datasheet HTML 13Page - NXP Semiconductors 74AUP1G00GW Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
74AUP1G00_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 29 June 2006
10 of 16
Philips Semiconductors
74AUP1G00
Low-power 2-input NAND gate
[1]
For measuring enable and disable times RL =5kΩ, for measuring propagation delays, setup and hold times and pulse width RL =1MΩ.
Test data is given in Table 11.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 8.
Load circuitry for switching times
001aac521
PULSE
GENERATOR
DUT
RT
VI
VO
VEXT
VCC
RL
5 k
CL
Table 11.
Test data
Supply voltage
Load
VEXT
VCC
CL
RL [1]
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
0.8 V to 3.6 V
5 pF, 10 pF, 15 pF and 30 pF
5 k
Ω or 1 MΩ
open
GND
2
× VCC


Numéro de pièce similaire - 74AUP1G00GW

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AUP1G00GW NEXPERIA-74AUP1G00GW Datasheet
274Kb / 18P
   Low-power 2-input NAND gate
Rev. 8 - 13 January 2022
74AUP1G00GW-Q100 NEXPERIA-74AUP1G00GW-Q100 Datasheet
229Kb / 14P
   Low-power 2-input NAND gate
Rev. 2 - 13 January 2022
More results

Description similaire - 74AUP1G00GW

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AUP1G00-Q100 NEXPERIA-74AUP1G00-Q100 Datasheet
229Kb / 14P
   Low-power 2-input NAND gate
Rev. 2 - 13 January 2022
74AXP1G00 NEXPERIA-74AXP1G00 Datasheet
794Kb / 17P
   Low-power 2-input NAND gate
74AUP1G00 NEXPERIA-74AUP1G00 Datasheet
274Kb / 18P
   Low-power 2-input NAND gate
Rev. 8 - 13 January 2022
74AUP2G00-Q100 NEXPERIA-74AUP2G00-Q100 Datasheet
223Kb / 13P
   Low-power dual 2-input NAND gate
Rev. 2 - 9 June 2022
logo
NXP Semiconductors
74AUP2G00 PHILIPS-74AUP2G00 Datasheet
83Kb / 16P
   Low-power dual 2-input NAND gate
Rev. 01-25 August 2006
74AUP2G00 NXP-74AUP2G00 Datasheet
537Kb / 17P
   Low-power dual 2-input NAND gate
Rev. 04-5 June 2008
logo
Nexperia B.V. All right...
74AUP2G00 NEXPERIA-74AUP2G00 Datasheet
302Kb / 20P
   Low-power dual 2-input NAND gate
Rev. 11 - 9 June 2022
logo
NXP Semiconductors
74AUP1G38 NXP-74AUP1G38 Datasheet
91Kb / 15P
   Low-power 2-input NAND gate (open drain)
Rev. 03-22 June 2009
logo
Texas Instruments
SN74AUP1G00 TI1-SN74AUP1G00_16 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power Single 2-Input Positive-NAND Gate
logo
Nexperia B.V. All right...
74AUP1G38 NEXPERIA-74AUP1G38 Datasheet
269Kb / 18P
   Low-power 2-input NAND gate (open drain)
Rev. 9 - 16 August 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com