Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVCH322245AEC Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce 74LVCH322245AEC
Description  32-bit bus transceiver with direction pin; 30 W series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVCH322245AEC Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button 74LVCH322245AEC Datasheet HTML 3Page - NXP Semiconductors 74LVCH322245AEC Datasheet HTML 4Page - NXP Semiconductors 74LVCH322245AEC Datasheet HTML 5Page - NXP Semiconductors 74LVCH322245AEC Datasheet HTML 6Page - NXP Semiconductors 74LVCH322245AEC Datasheet HTML 7Page - NXP Semiconductors 74LVCH322245AEC Datasheet HTML 8Page - NXP Semiconductors 74LVCH322245AEC Datasheet HTML 9Page - NXP Semiconductors 74LVCH322245AEC Datasheet HTML 10Page - NXP Semiconductors 74LVCH322245AEC Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
74LVCH322245A_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 20 August 2007
7 of 13
NXP Semiconductors
74LVCH322245A
32-bit bus transceiver with direction pin, 30
Ω resistors
10. Dynamic characteristics
[1]
Typical values are measured at Tamb =25 °C and VCC = 1.2 V, 2.7 V, and 3.3 V respectively.
[2]
tpd is the same as tPLH and tPHL.
ten is the same as tPZL and tPZH.
tdis is the same as tPLZ and tPHZ.
[3]
Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design.
[4]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz; fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in Volts
N = number of inputs switching
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
11. Waveforms
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 6.
Symbol Parameter
Conditions
VCC (V)
Min
Typ[1]
Max
Unit
Tamb = −40 °C to +85 °C
tpd
propagation delay
nAn to nBn; nBn to nAn; see
Figure 4
1.2
[2]
-12-
ns
2.7
1.0
4.2
6.7
ns
3.0 to 3.6
1.0
3.3
5.7
ns
ten
enable time
nOE to nAn, nBn: see Figure 5
1.2
[2]
-18-
ns
2.7
1.5
5.1
8.5
ns
3.0 to 3.6
1.0
3.4
7.5
ns
tdis
disable time
nOE to nAn, nBn; see Figure 5
1.2
[2]
-10-
ns
2.7
1.5
3.5
7.5
ns
3.0 to 3.6
1.5
3.3
6.5
ns
tsk(o)
output skew time
3.0 to 3.6
[3]
-
-
1.0
ns
CPD
power dissipation
capacitance
per buffer; VI = GND to VCC
3.3
[4]
-28-
pF
VM = 1.5 V at VCC ≥ 2.7 V
VM = 0.5 × VCC at VCC < 2.7 V
VOL and VOH are typical output voltage levels that occur with the output load
Fig 4.
The input (nAn, nBn) to output (nBn, nAn) propagation delays
mna477
nAn, nBn
input
nBn, nAn
output
tPHL
tPLH
GND
VI
VM
VM
VOH
VOL


Numéro de pièce similaire - 74LVCH322245AEC

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVCH322245AEC PHILIPS-74LVCH322245AEC Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 30 ohm series termination resistors; 5 V tolerant; 3-state
1999 Sep 01
More results

Description similaire - 74LVCH322245AEC

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVCH322245A PHILIPS-74LVCH322245A_15 Datasheet
119Kb / 15P
   32-bit bus transceiver with direction pin; 30 ??series termination resistors; 5 V tolerant; 3-state
Rev. 4-20 December 2011
74LVC32245A PHILIPS-74LVC32245A_15 Datasheet
162Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
74LVCH32245A NXP-74LVCH32245A Datasheet
93Kb / 13P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 03-20 August 2007
74LVCH32245A PHILIPS-74LVCH32245A_15 Datasheet
175Kb / 15P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 5-15 December 2011
logo
Nexperia B.V. All right...
74LVC32245A NEXPERIA-74LVC32245A Datasheet
984Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3 - 16 December 2011
logo
NXP Semiconductors
74LVC32245A PHILIPS-74LVC32245A Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
1999 Sep 01
74LVC322245A PHILIPS-74LVC322245A Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 30 ohm series termination resistors; 5 V tolerant; 3-state
1999 Sep 01
74ALVCH32501 PHILIPS-74ALVCH32501_04 Datasheet
121Kb / 15P
   36-bit universal bus transceiver with direction pin; 3-state
2004 Oct 13
74LVC162245A PHILIPS-74LVC162245A Datasheet
112Kb / 17P
   16-bit transceiver with direction pin;
2003 Dec 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com