Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC2G241DP Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce 74LVC2G241DP
Description  Dual buffer/line driver; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G241DP Fiches technique(HTML) 2 Page - NXP Semiconductors

  74LVC2G241DP Datasheet HTML 1Page - NXP Semiconductors 74LVC2G241DP Datasheet HTML 2Page - NXP Semiconductors 74LVC2G241DP Datasheet HTML 3Page - NXP Semiconductors 74LVC2G241DP Datasheet HTML 4Page - NXP Semiconductors 74LVC2G241DP Datasheet HTML 5Page - NXP Semiconductors 74LVC2G241DP Datasheet HTML 6Page - NXP Semiconductors 74LVC2G241DP Datasheet HTML 7Page - NXP Semiconductors 74LVC2G241DP Datasheet HTML 8Page - NXP Semiconductors 74LVC2G241DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
74LVC2G241_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 5 October 2007
2 of 17
NXP Semiconductors
74LVC2G241
Dual buffer/line driver; 3-state
3.
Ordering information
4.
Marking
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC2G241DP
−40 °C to +125 °C
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm; lead length 0.5 mm
SOT505-2
74LVC2G241DC
−40 °C to +125 °C
VSSOP8
plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
74LVC2G241GT
−40 °C to +125 °C
XSON8
plastic extremely thin small outline package; no leads;
8 terminals; body 1
× 1.95 × 0.5 mm
SOT833-1
74LVC2G241GM
−40 °C to +125 °C
XQFN8
plastic extremely thin quad flat package; no leads;
8 terminals; body 1.6
× 1.6 × 0.5 mm
SOT902-1
Table 2.
Marking
Type number
Marking code
74LVC2G241DP
V241
74LVC2G241DC
V41
74LVC2G241GT
V41
74LVC2G241GM
V41
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
001aaa409
1OE
1Y
1
26
1A
2OE
2Y
7
53
2A
001aaa408
1
EN1
EN2
1
2
6
2
7
3
5


Numéro de pièce similaire - 74LVC2G241DP

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC2G241DP PHILIPS-74LVC2G241DP Datasheet
103Kb / 18P
   Dual buffer/line driver with 5 V tolerant inputs/outputs; 3-state
2005 Feb 02
74LVC2G241DP NXP-74LVC2G241DP Datasheet
111Kb / 18P
   Dual buffer/line driver; 3-state
Rev. 09-10 June 2008
logo
Nexperia B.V. All right...
74LVC2G241DP NEXPERIA-74LVC2G241DP Datasheet
274Kb / 18P
   Dual buffer/line driver; 3-state
Rev. 16 - 31 July 2019
74LVC2G241DP-Q100 NEXPERIA-74LVC2G241DP-Q100 Datasheet
228Kb / 13P
   Dual buffer/line driver; 3-state
More results

Description similaire - 74LVC2G241DP

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC2G126 PHILIPS-74AHC2G126 Datasheet
103Kb / 20P
   Dual buffer/line driver; 3-state
Rev. 02-21 September 2004
74AHC_AHCT2G241 PHILIPS-74AHC_AHCT2G241_15 Datasheet
195Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 3-13 May 2013
74AHC2G241 NXP-74AHC2G241 Datasheet
105Kb / 16P
   Dual buffer/line driver; 3-state
Rev. 02-13 January 2009
74AHC2G126 NXP-74AHC2G126 Datasheet
100Kb / 15P
   Dual buffer/line driver; 3-state
Rev. 04-27 April 2009
logo
Nexperia B.V. All right...
74HCT2G125-Q100 NEXPERIA-74HCT2G125-Q100 Datasheet
225Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 2 - 1 November 2018
74HCT2G125 NEXPERIA-74HCT2G125 Datasheet
226Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 6 - 1 November 2018
logo
Unisonic Technologies
U74AHC2G125 UTC-U74AHC2G125 Datasheet
219Kb / 6P
   DUAL BUFFER/LINE DRIVER; 3-STATE
logo
Nexperia B.V. All right...
74AHCT2G126 NEXPERIA-74AHCT2G126 Datasheet
230Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 8 - 19 November 2018
logo
NXP Semiconductors
74HC2G125 PHILIPS-74HC2G125 Datasheet
90Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
XC7WH126 PHILIPS-XC7WH126_15 Datasheet
180Kb / 14P
   Dual buffer/line driver; 3-state
Rev. 2-8 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com