Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC1G58GV Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce 74LVC1G58GV
Description  Low-power configurable multiple function gate
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G58GV Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button 74LVC1G58GV Datasheet HTML 6Page - NXP Semiconductors 74LVC1G58GV Datasheet HTML 7Page - NXP Semiconductors 74LVC1G58GV Datasheet HTML 8Page - NXP Semiconductors 74LVC1G58GV Datasheet HTML 9Page - NXP Semiconductors 74LVC1G58GV Datasheet HTML 10Page - NXP Semiconductors 74LVC1G58GV Datasheet HTML 11Page - NXP Semiconductors 74LVC1G58GV Datasheet HTML 12Page - NXP Semiconductors 74LVC1G58GV Datasheet HTML 13Page - NXP Semiconductors 74LVC1G58GV Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
74LVC1G58_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 27 August 2007
10 of 18
NXP Semiconductors
74LVC1G58
Low-power configurable multiple function gate
[1]
Typical values are measured at Tamb =25 °C.
14. Waveforms transfer characteristics
VH
hysteresis voltage
(VT+ − VT−);
see Figure 14, Figure 15,
Figure 16 and Figure 17
VCC = 1.8 V
0.30
0.48
0.62
0.23
0.62
V
VCC = 2.3 V
0.40
0.64
0.80
0.34
0.80
V
VCC = 3.0 V
0.50
0.75
1.00
0.44
1.00
V
VCC = 4.5 V
0.71
0.97
1.20
0.65
1.20
V
VCC = 5.5 V
0.71
1.13
1.40
0.65
1.40
V
Table 12.
Transfer characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
VT+ and VT− limits are at 70 % and 20 %.
Fig 14. Transfer characteristics
Fig 15. Definition of VT+, VT− and VH
mna207
VO
VI
VH
VT+
VT−
mna208
VO
VI
VH
VT+
VT−
VT+ and VT− limits are at 70 % and 20 %.
Fig 16. Transfer characteristics
Fig 17. Definition of VT+, VT− and VH
001aab684
VO
VI
VH
VT+
VT−
mnb155
VO
VI
VH
VT+
VT−


Numéro de pièce similaire - 74LVC1G58GV

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC1G58GV PHILIPS-74LVC1G58GV Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 01-15 September 2004
74LVC1G58GV NXP-74LVC1G58GV Datasheet
110Kb / 18P
   Low-power configurable multiple function gate
Rev. 04-27 April 2009
logo
Nexperia B.V. All right...
74LVC1G58GV NEXPERIA-74LVC1G58GV Datasheet
271Kb / 18P
   Low-power configurable multiple function gate
Rev. 11 - 1 February 2022
74LVC1G58GV-Q100 NEXPERIA-74LVC1G58GV-Q100 Datasheet
840Kb / 17P
   Low-power configurable multiple function gate
More results

Description similaire - 74LVC1G58GV

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
   Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
   Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com