Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVTH16373VRG4 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce 74ALVTH16373VRG4
Description  2.5-V/3.3-V 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

74ALVTH16373VRG4 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button 74ALVTH16373VRG4 Datasheet HTML 2Page - Texas Instruments 74ALVTH16373VRG4 Datasheet HTML 3Page - Texas Instruments 74ALVTH16373VRG4 Datasheet HTML 4Page - Texas Instruments 74ALVTH16373VRG4 Datasheet HTML 5Page - Texas Instruments 74ALVTH16373VRG4 Datasheet HTML 6Page - Texas Instruments 74ALVTH16373VRG4 Datasheet HTML 7Page - Texas Instruments 74ALVTH16373VRG4 Datasheet HTML 8Page - Texas Instruments 74ALVTH16373VRG4 Datasheet HTML 9Page - Texas Instruments 74ALVTH16373VRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
SN54ALVTH16373, SN74ALVTH16373
2.5-V/3.3-V 16-BIT TRANSPARENT D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SCES067F – JUNE 1996 – REVISED JANUARY 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ALVTH16373
SN74ALVTH16373
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 3 V,
II = –18 mA
–1.2
–1.2
V
VCC = 3 V to 3.6 V,
IOH = –100 µA
VCC–0.2
VCC–0.2
VOH
VCC =3V
IOH = –24 mA
2
V
VCC = 3 V
IOH = –32 mA
2
VCC = 3 V to 3.6 V,
IOL = 100 µA
0.2
0.2
IOL = 16 mA
0.4
VOL
IOL = 24 mA
0.5
V
VOL
VCC = 3 V
IOL = 32 mA
0.5
V
IOL = 48 mA
0.55
IOL = 64 mA
0.55
Control inputs
VCC = 3.6 V,
VI = VCC or GND
±1
±1
Control inputs
VCC = 0 or 3.6 V,
VI = 5.5 V
10
10
II
VI = 5.5 V
10
10
µA
Data inputs
VCC = 3.6 V
VI = VCC
1
1
VI = 0
–5
–5
Ioff
VCC = 0,
VI or VO = 0 to 4.5 V
±100
µA
IBHL‡
VCC = 3 V,
VI = 0.8 V
75
75
µA
IBHH§
VCC = 3 V,
VI = 2 V
–75
–75
µA
IBHLO¶
VCC = 3.6 V,
VI = 0 to VCC
500
500
µA
IBHHO#
VCC = 3.6 V,
VI = 0 to VCC
–500
–500
µA
IEX||
VCC = 3 V,
VO = 5.5 V
125
125
µA
IOZ(PU/PD)k
VCC ≤ 1.2 V, VO = 0.5 V to VCC,
VI = GND or VCC, OE = don’t care
±100
±100
µA
IOZH
VCC =3 6V
VO = 3 V,
5
5
µA
IOZH
VCC = 3.6 V
VI = 0.8 V or 2 V
5
5
µA
IOZL
VCC =3 6V
VO = 0.5 V,
5
5
µA
IOZL
VCC = 3.6 V
VI = 0.8 V or 2 V
–5
–5
µA
VCC = 3.6 V,
Outputs high
0.07
0.1
0.07
0.1
ICC
VCC = 3.6 V,
IO = 0,
Outputs low
3.2
5.5
3.2
5
mA
VI = VCC or GND
Outputs disabled
0.07
0.1
0.07
0.1
∆ICCh
VCC = 3 V to 3.6 V, One input at VCC – 0.6 V,
Other inputs at VCC or GND
0.4
0.4
mA
Ci
VCC = 3.3 V,
VI = 3.3 V or 0
3.5
3.5
pF
Co
VCC = 3.3 V,
VO = 3.3 V or 0
6
6
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ The bus-hold circuit can sink at least the minimum low sustaining current at VIL max. IBHL should be measured after lowering VIN to GND and
then raising it to VIL max.
§ The bus-hold circuit can source at least the minimum high sustaining current at VIH min. IBHH should be measured after raising VIN to VCC and
then lowering it to VIH min.
¶ An external driver must source at least IBHLO to switch this node from low to high.
# An external driver must sink at least IBHHO to switch this node from high to low.
|| Current into an output in the high state when VO > VCC
kHigh-impedance state during power up or power down
hThis is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Numéro de pièce similaire - 74ALVTH16373VRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74ALVTH16374DL TI-74ALVTH16374DL Datasheet
550Kb / 21P
[Old version datasheet]   2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ALVTH16374GRE4 TI-74ALVTH16374GRE4 Datasheet
422Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ALVTH16374GRE4 TI-74ALVTH16374GRE4 Datasheet
550Kb / 21P
[Old version datasheet]   2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ALVTH16374VRE4 TI-74ALVTH16374VRE4 Datasheet
422Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ALVTH16374VRE4 TI-74ALVTH16374VRE4 Datasheet
550Kb / 21P
[Old version datasheet]   2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Description similaire - 74ALVTH16373VRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54ALVTH16373 TI-SN54ALVTH16373 Datasheet
185Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALVTH32373 TI-SN54ALVTH32373 Datasheet
183Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 32-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALVTH32373 TI1-SN54ALVTH32373_14 Datasheet
898Kb / 15P
[Old version datasheet]   2.5-V/3.3-V 32-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373_07 Datasheet
398Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH16373 TI-SN54LVTH16373 Datasheet
465Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI1-SN54LVTH162373_14 Datasheet
890Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373_08 Datasheet
507Kb / 16P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373_071 TI-SN54LVTH162373_071 Datasheet
478Kb / 16P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373 Datasheet
104Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AVC32373 TI-SN74AVC32373 Datasheet
165Kb / 10P
[Old version datasheet]   1.2-V/3.3-V 32-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com