Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAHCT1G32QDBVRQ1 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce CAHCT1G32QDBVRQ1
Description  SINGLE 2-INPUT POSITIVE-OR GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CAHCT1G32QDBVRQ1 Fiches technique(HTML) 5 Page - Texas Instruments

  CAHCT1G32QDBVRQ1 Datasheet HTML 1Page - Texas Instruments CAHCT1G32QDBVRQ1 Datasheet HTML 2Page - Texas Instruments CAHCT1G32QDBVRQ1 Datasheet HTML 3Page - Texas Instruments CAHCT1G32QDBVRQ1 Datasheet HTML 4Page - Texas Instruments CAHCT1G32QDBVRQ1 Datasheet HTML 5Page - Texas Instruments CAHCT1G32QDBVRQ1 Datasheet HTML 6Page - Texas Instruments CAHCT1G32QDBVRQ1 Datasheet HTML 7Page - Texas Instruments CAHCT1G32QDBVRQ1 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
CAHCT1G32QDBVRQ1
ACTIVE
SOT-23
DBV
5
3000
Pb-Free
(RoHS)
CU NIPDAU
Level-1-260C-UNLIM
CAHCT1G32QDCKRQ1
ACTIVE
SC70
DCK
5
3000
Pb-Free
(RoHS)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
6-Dec-2006
Addendum-Page 1


Numéro de pièce similaire - CAHCT1G32QDBVRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CAHCT1G00QDBVRQ1 TI1-CAHCT1G00QDBVRQ1 Datasheet
1Mb / 25P
[Old version datasheet]   SN74AHCT1G00-Q1 Automotive 2-Input Positive-NAND Gates
JANUARY 2024
CAHCT1G00QDCKRQ1 TI1-CAHCT1G00QDCKRQ1 Datasheet
959Kb / 22P
[Old version datasheet]   SN74AHCT1G00-Q1 Automotive 2-Input Positive-NAND Gates
JULY 2023
CAHCT1G00QDCKRQ1 TI1-CAHCT1G00QDCKRQ1 Datasheet
1Mb / 25P
[Old version datasheet]   SN74AHCT1G00-Q1 Automotive 2-Input Positive-NAND Gates
JANUARY 2024
CAHCT1G02QDCKRQ1 TI1-CAHCT1G02QDCKRQ1 Datasheet
951Kb / 22P
[Old version datasheet]   SN74AHCT1G02-Q1 Automotive 2-Input Positive-NOR Gates
JULY 2023
CAHCT1G04QDCKRG4Q1 TI1-CAHCT1G04QDCKRG4Q1 Datasheet
220Kb / 9P
[Old version datasheet]   SINGLE INVERTER GATE
More results

Description similaire - CAHCT1G32QDBVRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G32DSF2 TI1-SN74LVC1G32DSF2 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32_14 Datasheet
402Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
logo
Unisonic Technologies
U74LVC1G32 UTC-U74LVC1G32_15 Datasheet
202Kb / 5P
   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74AUC1G32 TI1-SN74AUC1G32_15 Datasheet
993Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_07 Datasheet
496Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_09 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_08 Datasheet
435Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_08 Datasheet
738Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32-EP TI1-SN74LVC1G32-EP Datasheet
502Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32FW4-7 DIODES-74LVC1G32FW4-7 Datasheet
219Kb / 12P
   SINGLE 2 INPUT POSITIVE OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com