Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM89T16R1 Fiches technique(PDF) 7 Page - SyncMOS Technologies,Inc

No de pièce SM89T16R1
Description  8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYNCMOS [SyncMOS Technologies,Inc]
Site Internet  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89T16R1 Fiches technique(HTML) 7 Page - SyncMOS Technologies,Inc

Back Button SM89T16R1_06 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM89T16R1_06 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM89T16R1_06 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM89T16R1_06 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM89T16R1_06 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM89T16R1_06 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM89T16R1_06 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM89T16R1_06 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM89T16R1_06 Datasheet HTML 11Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
SyncMOS Technologies International, Inc.
SM89T16R1
8-Bits Micro-controller
With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
Ver 2.1 SM89T16R1 08/2006
7
Table 3 : All SFR list (8051, I/O, Timer, UART/UART1, System, Interrupt)
Symbol
Description
Direct
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RESET
8051 Core
ACC*
Accumulator
E0
00H
B
B register
F0
00H
SP
Stack Pointer
81H
07H
PSW*
Process Status
D0H
CY
AC
F0
RS1
RS0
OV
P
00H
DPTR
Data Pointer (2 Bytes)
DPH
Data Pointer High
83H
00H
DPL
Data Pointer Low
82H
00H
I/O PORT
P0*
Port 0
80H
P0.7
P0.6
P0.5
P0.4
P0.3
P0.2
P0.1
P0.0
FFH
P1*
Port 1
90H
P1.7
P1.6
P1.5
P1.4
P1.3
P1.2
P1.1
P1.0
FFH
P2*
Port 2
A0H
P2.7
P2.6
P2.5
P2.4
P2.3
P2.2
P2.1
P2.0
FFH
P3*
Port 3
B0H
P3.7
P3.6
P3.5
P3.4
P3.3
P3.2
P3.1
P3.0
FFH
P4*
Port 4
D8H
P4.3
P4.2
P4.1
P4.0
XFH
P1CON
P1 Control
9BH
PWM1E
PWM0E
-
-
00H
P2CON
P2 Control
9CH
ADCE3
ADCE2
ADCE1
ADCE0
00H
TIMER / Counter
TCON*
Timer Control register
88H
TF1
TF1
TF0
TR0
IE1
IT1
IE0
IT0
00H
THL0
Timer 0 (2 Bytes)
TH0
Timer 0 High
8CH
00H
TL0
Timer 0 Low
8AH
00H
THL1
Timer 1 (2 Bytes)
TH1
Timer 1 High
8DH
00H
TL1
Timer 1 Low
8BH
00H
T2CON*
Timer 2 Control
C8H
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
CT2
CPRL2
00H
T2MOD
Timer 2 Mode Control
C9H
HC5
HC4
HC3
HC2
T2CR
T2OE
DCEN
00H
RCAP2HL
Reload/Capture (2 bytes)
RCAP2H
RCAP2 High
CBH
00H
RCAP2L
RCAP2 Low
CAH
00H
THL2
Time 2 (2 bytes)
TH2
Timer 2 High
CDH
00H
TL2
Time 2 Low
CCH
00H
UART & UART1
SCON*
UART Control
98H
SM0/FE
SM1
SM2
REN
TB8
RB8
TI
RI
00H
SBUF
UART Buffer
99H
XXH
SCON1
UART 1 Control
F8H
SM0_1/FE_1
SM1_1
SM2_1
REN_1
TB8_1
RB8_1
TI_1
RI_1
00H
SBUF1
UART 1 Buffer
F9H
XXH
SADDR
Slave Address
D9H
00H
SADDR1
Slave Address 1
DAH
00H
SADEN
Slave Address Mask
Enable
E9H
00H
SADEN1
Slave Address 1 Mask
Enable
EAH
00H
Data Point 1
DPTR1
Data Pointer 1 (2 Bytes)
DPH1
Data Pointer 1 High
A5H
00H
DPL1
Data Pointer 1 Low
A4H
00H
DPS
Data Point Select
A6H
DPS.0
00H
Power and System
PCON
Power Control register
87H
SMOD
SMOD0
PD
IDLE
00H
SCONF
System Control
BFH
SMOD1
PDWUE
OME
ALEI
00H
PMR
Power Management
Register
D1H
CD1
CD0
XTOFF
40H
Interrupt system
IE*
Interrupt Enable
A8H
EA
ES1
ET2
ES0
ET1
EX1
ET0
EX0
00H
IE1
Interrupt Enable 1
A9H
EADC
ERTC
00H
IFR
Interrupt Flag 1
AAH
ADCIF
RTCIF
00H
EIE
External Interrupt Enable
ABH
EX5
EX4
EX3
EX2
00H
IP*
Interrupt Priority
B8H
PS1
PT2
PS0
PT1
PX1
PT0
PX0
00H
IP1
Interrupt Priority 1
B9H
PADC
PRTC
00H
EIP
External Interrupt Priority
BAH
PX5
PX4
PX3
PX2
X0H
Clock Control
CKCON
Clock Control
A3H
T2M
T1M
T0M
MD2
MD1
MD0
01H


Numéro de pièce similaire - SM89T16R1_06

FabricantNo de pièceFiches techniqueDescription
logo
SyncMOS Technologies,In...
SM89T16R1C25 SYNCMOS-SM89T16R1C25 Datasheet
522Kb / 34P
   8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & Two UART & RTC & ADC & PWM embedded
SM89T16R1L16 SYNCMOS-SM89T16R1L16 Datasheet
522Kb / 34P
   8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & Two UART & RTC & ADC & PWM embedded
More results

Description similaire - SM89T16R1_06

FabricantNo de pièceFiches techniqueDescription
logo
SyncMOS Technologies,In...
SM89S16R1 SYNCMOS-SM89S16R1_06 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
SM89T16R1 SYNCMOS-SM89T16R1 Datasheet
522Kb / 34P
   8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & Two UART & RTC & ADC & PWM embedded
SM89S16R1 SYNCMOS-SM89S16R1 Datasheet
416Kb / 28P
   8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & RTC & ADC & PWM & PDWU embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com