Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUK7608-40B Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce BUK7608-40B
Description  N-channel TrenchMOS standard level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK7608-40B Fiches technique(HTML) 5 Page - NXP Semiconductors

  BUK7608-40B Datasheet HTML 1Page - NXP Semiconductors BUK7608-40B Datasheet HTML 2Page - NXP Semiconductors BUK7608-40B Datasheet HTML 3Page - NXP Semiconductors BUK7608-40B Datasheet HTML 4Page - NXP Semiconductors BUK7608-40B Datasheet HTML 5Page - NXP Semiconductors BUK7608-40B Datasheet HTML 6Page - NXP Semiconductors BUK7608-40B Datasheet HTML 7Page - NXP Semiconductors BUK7608-40B Datasheet HTML 8Page - NXP Semiconductors BUK7608-40B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
BUK75_7608-40B_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 16 November 2007
5 of 14
NXP Semiconductors
BUK75/7608-40B
N-channel TrenchMOS standard level FET
6.
Characteristics
Table 5.
Characteristics
Tj =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS drain-source breakdown
voltage
ID = 250 µA; VGS =0V
Tj =25 °C
40
--V
Tj = −55 °C
36
--V
VGS(th)
gate-source threshold voltage
ID = 1 mA; VDS =VGS; see Figure 9 and 10
Tj =25 °C
234V
Tj = 175 °C
1
--V
Tj = −55 °C
-
-
4.4
V
IDSS
drain leakage current
VDS =40V; VGS =0V
Tj =25 °C
-
0.02
1
µA
Tj = 175 °C
-
-
500
µA
IGSS
gate leakage current
VGS = ±20 V; VDS = 0 V
-
2
100
nA
RDSon
drain-source on-state
resistance
VGS = 10 V; ID =25 A; see Figure 6 and 8
Tj =25 °C
-
6.6
8
m
Tj = 175 °C
-
-
15.2
m
Dynamic characteristics
QG(tot)
total gate charge
ID = 25 A; VDD =32V; VGS =10V;
see Figure 14
-36
-
nC
QGS
gate-source charge
-
9
-
nC
QGD
gate-drain charge
-
12
-
nC
Ciss
input capacitance
VGS =0V; VDS = 25 V; f = 1 MHz;
see Figure 12
-
2017
2689
pF
Coss
output capacitance
-
486
583
pF
Crss
reverse transfer capacitance
-
213
291
pF
td(on)
turn-on delay time
VDD =30V; RL = 1.2 Ω;
VGS =10V;RG =10 Ω
-20
-
ns
tr
rise time
-51
-
ns
td(off)
turn-off delay time
-
20
-
ns
tf
fall time
-33
-
ns
LD
internal drain inductance
from drain lead 6 mm from
package to center of die
-
4,5
-
nH
from contact screw on
mounting base to center of die
SOT78
-
3.5
nH
from upper edge of drain
mounting base to center of die
SOT404
-
2.5
-
nH
LS
internal source inductance
from source lead 6 mm from
package to source bond pad
-
7.5
-
nH
Source-drain diode


Numéro de pièce similaire - BUK7608-40B

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUK7608-40B PHILIPS-BUK7608-40B Datasheet
272Kb / 15P
   TRENCHMOS-TM STANDARD LEVELl FET
Rev. 01-08 April 2003
BUK7608-40B NXP-BUK7608-40B Datasheet
194Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 04-24 September 2008
logo
Inchange Semiconductor ...
BUK7608-40B ISC-BUK7608-40B Datasheet
306Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK7608-40B NEXPERIA-BUK7608-40B Datasheet
707Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 04 - 24 September 2008
logo
NXP Semiconductors
BUK7608-40B PHILIPS-BUK7608-40B_15 Datasheet
202Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 04-24 September 2008
More results

Description similaire - BUK7608-40B

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com