Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC2G04 Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce 74HC2G04
Description  Dual inverter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC2G04 Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button 74HC2G04 Datasheet HTML 6Page - NXP Semiconductors 74HC2G04 Datasheet HTML 7Page - NXP Semiconductors 74HC2G04 Datasheet HTML 8Page - NXP Semiconductors 74HC2G04 Datasheet HTML 9Page - NXP Semiconductors 74HC2G04 Datasheet HTML 10Page - NXP Semiconductors 74HC2G04 Datasheet HTML 11Page - NXP Semiconductors 74HC2G04 Datasheet HTML 12Page - NXP Semiconductors 74HC2G04 Datasheet HTML 13Page - NXP Semiconductors 74HC2G04 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
74HC_HCT2G04_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 15 November 2006
10 of 14
NXP Semiconductors
74HC2G04; 74HCT2G04
Dual inverter
13. Package outline
Fig 7.
Package outline SOT363 (SC-88)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT363
SC-88
wB
M
bp
D
e1
e
pin 1
index
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
0
1
2 mm
scale
c
X
13
2
4
5
6
Plastic surface-mounted package; 6 leads
SOT363
UNIT
A1
max
bp
cD
E
e1
HE
Lp
Qy
w
v
mm
0.1
0.30
0.20
2.2
1.8
0.25
0.10
1.35
1.15
0.65
e
1.3
2.2
2.0
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
0.25
0.15
A
1.1
0.8
04-11-08
06-03-16


Numéro de pièce similaire - 74HC2G04

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74HC2G04 NEXPERIA-74HC2G04 Datasheet
194Kb / 15P
   Dual inverter
74HC2G04-Q100 NEXPERIA-74HC2G04-Q100 Datasheet
201Kb / 15P
   Dual inverter
74HC2G04GV NEXPERIA-74HC2G04GV Datasheet
194Kb / 15P
   Dual inverter
74HC2G04GV,125 NEXPERIA-74HC2G04GV,125 Datasheet
194Kb / 15P
   Dual inverter
74HC2G04GV-Q100 NEXPERIA-74HC2G04GV-Q100 Datasheet
201Kb / 15P
   Dual inverter
More results

Description similaire - 74HC2G04

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC2GU04 PHILIPS-74LVC2GU04 Datasheet
95Kb / 15P
   Dual inverter
2004 Sep 21
logo
Unisonic Technologies
U74LVC2G04 UTC-U74LVC2G04_10 Datasheet
163Kb / 5P
   DUAL INVERTER
logo
Nexperia B.V. All right...
74LVC2G04 NEXPERIA-74LVC2G04 Datasheet
252Kb / 16P
   Dual inverter
Rev. 12 - 26 January 2022
logo
ON Semiconductor
NLX2G04 ONSEMI-NLX2G04 Datasheet
93Kb / 8P
   Dual Inverter
March, 2008 - Rev. 0
logo
Toshiba Semiconductor
TC7PA04FU TOSHIBA-TC7PA04FU_07 Datasheet
184Kb / 8P
   Dual Inverter
TC7PG04AFE TOSHIBA-TC7PG04AFE Datasheet
141Kb / 6P
   Dual Inverter
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A Datasheet
80Kb / 7P
   Dual Inverter
logo
ON Semiconductor
NLU2G04 ONSEMI-NLU2G04 Datasheet
98Kb / 8P
   Dual Inverter
March, 2008 - Rev. 2
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A_15 Datasheet
160Kb / 8P
   Dual Inverter
logo
Nexperia B.V. All right...
74HC2G04 NEXPERIA-74HC2G04 Datasheet
194Kb / 15P
   Dual inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com