Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AHCT123ADGVR Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AHCT123ADGVR
Description  DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT123ADGVR Fiches technique(HTML) 7 Page - Texas Instruments

Back Button SN74AHCT123ADGVR Datasheet HTML 3Page - Texas Instruments SN74AHCT123ADGVR Datasheet HTML 4Page - Texas Instruments SN74AHCT123ADGVR Datasheet HTML 5Page - Texas Instruments SN74AHCT123ADGVR Datasheet HTML 6Page - Texas Instruments SN74AHCT123ADGVR Datasheet HTML 7Page - Texas Instruments SN74AHCT123ADGVR Datasheet HTML 8Page - Texas Instruments SN74AHCT123ADGVR Datasheet HTML 9Page - Texas Instruments SN74AHCT123ADGVR Datasheet HTML 10Page - Texas Instruments SN74AHCT123ADGVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
SN54AHCT123A, SN74AHCT123A
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SCLS420G – JUNE 1998 – REVISED APRIL 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
caution in use
To prevent malfunctions due to noise, connect a high-frequency capacitor between VCC and GND, and keep
the wiring between the external components and Cext and Rext/Cext terminals as short as possible.
power-down considerations
Large values of Cext may cause problems when powering down the ’AHCT123A devices because of the amount
of energy stored in the capacitor. When a system containing this device is powered down, the capacitor may
discharge from VCC through the protection diodes at pin 2 or pin 14. Current through the input protection diodes
must be limited to 30 mA; therefore, the turn-off time of the VCC power supply must not be faster than
t = VCC × Cext/30 mA. For example, if VCC = 5 V and Cext = 15 pF, the VCC supply must turn off no faster than
t = (5 V)
× (15 pF)/30mA = 2.5 ns. Usually, this is not a problem because power supplies are heavily filtered and
cannot discharge at this rate. When a more rapid decrease of VCC to zero occurs, the ’AHCT123A devices may
sustain damage. To avoid this possibility, use external clamping diodes.
output pulse duration
The output pulse duration, tw, is determined primarily by the values of the external capacitance (CT) and timing
resistance (RT). The timing components are connected as shown in Figure 2.
VCC
RT
CT
To Rext/Cext
Terminal
To Cext
Terminal
Figure 2. Timing-Component Connections
The pulse duration is given by:
tw
+ K
R
T
C
T
if CT is ≥ 1000 pF, K = 1.0 or
if CT is < 1000 pF, K can be determined from Figure 5
where:
tw = pulse duration in ns
RT = external timing resistance in kΩ
CT = external capacitance in pF
K
= multiplier factor
Equation 1 and Figure 3 can be used to determine values for pulse duration, external resistance, and external
capacitance.
(1)


Numéro de pièce similaire - SN74AHCT123ADGVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AHCT123ADGVR TI-SN74AHCT123ADGVR Datasheet
570Kb / 21P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN74AHCT123ADGVR TI-SN74AHCT123ADGVR Datasheet
867Kb / 25P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
More results

Description similaire - SN74AHCT123ADGVR

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HD74LV123A HITACHI-HD74LV123A Datasheet
91Kb / 20P
   Dual Retriggerable Monostable Multivibrators
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A Datasheet
119Kb / 16P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHC123A TI-SN54AHC123A Datasheet
637Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54AHC123A TI1-SN54AHC123A_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS422 TI-SN54LS422 Datasheet
323Kb / 9P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS422 TI1-SN54LS422_12 Datasheet
612Kb / 9P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54AHCT123A TI-SN54AHCT123A Datasheet
570Kb / 21P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Hitachi Semiconductor
HD74HC423A HITACHI-HD74HC423A Datasheet
51Kb / 8P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHCT123A TI-SN54AHCT123A_08 Datasheet
867Kb / 25P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A_15 Datasheet
145Kb / 18P
   Dual Retriggerable Monostable Multivibrators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com