Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS28226DR Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS28226DR
Description  High-Frequency 4-A Sink Synchronous MOSFET Drivers
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS28226DR Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS28226DR Datasheet HTML 5Page - Texas Instruments TPS28226DR Datasheet HTML 6Page - Texas Instruments TPS28226DR Datasheet HTML 7Page - Texas Instruments TPS28226DR Datasheet HTML 8Page - Texas Instruments TPS28226DR Datasheet HTML 9Page - Texas Instruments TPS28226DR Datasheet HTML 10Page - Texas Instruments TPS28226DR Datasheet HTML 11Page - Texas Instruments TPS28226DR Datasheet HTML 12Page - Texas Instruments TPS28226DR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
www.ti.com
TRUTH TABLE
TPS28226
SLUS791 – OCTOBER 2007
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
SOIC-8
DRB-8
NAME
1
1
UGATE
O
Upper gate drive sink/source output. Connect to gate of high-side power N-Channel MOSFET.
Floating bootstrap supply pin for the upper gate drive. Connect the bootstrap capacitor between
2
2
BOOT
I/O
this pin and the PHASE pin. The bootstrap capacitor provides the charge to turn on the upper
MOSFET.
The PWM signal is the control input for the driver. The PWM signal can enter three distinct states
3
3
PWM
I
during operation, see the 3-state PWM Input section under DETAILED DESCRIPTION for further
details. Connect this pin to the PWM output of the controller.
4
4
GND
Ground pin. All signals are referenced to this node.
Exposed
Thermal
Connect directly to the GND for better thermal performance and EMI
die pad
pad
Lower gate drive sink/source output. Connect to the gate of the low-side power N-Channel
5
5
LGATE
O
MOSFET.
6
6
VDD
I
Connect this pin to a 5-V bias supply. Place a high quality bypass capacitor from this pin to GND.
Enable/Power Good input/output pin with 1M
Ω impedance. Connect this pin to HIGH to enable and
LOW to disable the device. When disabled, the device draws less than 350
μA bias current. If the
7
7
EN/PG
I/O
VDD is below UVLO threshold or over temperature shutdown occurs, this pin is internally pulled
low.
Connect this pin to the source of the upper MOSFET and the drain of the lower MOSFET. This pin
8
8
PHASE
I
provides a return path for the upper gate driver.
VDD FALLING > 3 V AND TJ < 150°C
VDD RISING < 3.5 V
EN/PG FALLING > 1.0 V
PIN
EN/PG RISING
OR TJ > 160°C
PWM > 1.5 V AND
PWM SIGNAL SOURCE IMPEDANCE
< 1.7 V
PWM < 1 V
TRISE/TFALL < 200 ns
>40 k
Ω FOR > 250ns (3-State)(1)
LGATE
Low
Low
High
Low
Low
UGATE
Low
Low
Low
High
Low
EN/PG
Low
(1)
During power up, the TPS28226 is in 3-state and both UGATE and LGATE outputs are kept low. To exit the 3-state condition, the PWM
signal should go high followed by one low PWM signal. The first high PWM pulse is ignored by the driver and keeps UGATE output low,
but the following low PWM signal drives LGATE high.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS28226


Numéro de pièce similaire - TPS28226DR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS28226DR TI1-TPS28226DR Datasheet
1Mb / 39P
[Old version datasheet]   TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226DRBR TI1-TPS28226DRBR Datasheet
1Mb / 39P
[Old version datasheet]   TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226DRBT TI1-TPS28226DRBT Datasheet
1Mb / 39P
[Old version datasheet]   TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
More results

Description similaire - TPS28226DR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS28225-Q1 TI1-TPS28225-Q1 Datasheet
777Kb / 34P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI1-TPS28225_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226 TI1-TPS28226_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225-Q1 TI1-TPS28225-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225-Q1 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI-TPS28225 Datasheet
987Kb / 30P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Driver
logo
Intersil Corporation
ISL6615A INTERSIL-ISL6615A Datasheet
239Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615ACBZ INTERSIL-ISL6615ACBZ Datasheet
414Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
April 13, 2012
ISL6615AIRZ-T INTERSIL-ISL6615AIRZ-T Datasheet
412Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6615 RENESAS-ISL6615 Datasheet
567Kb / 11P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615A RENESAS-ISL6615A Datasheet
626Kb / 13P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com