Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS28226 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS28226
Description  High-Frequency 4-A Sink Synchronous MOSFET Drivers
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS28226 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS28226 Datasheet HTML 4Page - Texas Instruments TPS28226 Datasheet HTML 5Page - Texas Instruments TPS28226 Datasheet HTML 6Page - Texas Instruments TPS28226 Datasheet HTML 7Page - Texas Instruments TPS28226 Datasheet HTML 8Page - Texas Instruments TPS28226 Datasheet HTML 9Page - Texas Instruments TPS28226 Datasheet HTML 10Page - Texas Instruments TPS28226 Datasheet HTML 11Page - Texas Instruments TPS28226 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
www.ti.com
DEVICE INFORMATION
1
2
3
4
8
7
6
5
UGATE
BOOT
PWM
GND
PHASE
EN/PG
VDD
LGATE
5
3
7
6
8
1
2
BOOT
PWM
VDD
EN/PG
LG A T E
GND
U G A T E
PHASE
4
Exposed
Thermal
Die Pad
6
13K
2
VDD
EN /PG
BOOT
UGATE
PHASE
LGATE
GND
7
1
8
5
4
VDD
27K
3 −STATE
INPUT
CIRCUIT
PWM
3
SHOOT
THROUGH
PROTECTION
THERMAL
SD
HLD−OFF
TIME
UVLO
TPS28226
SLUS791 – OCTOBER 2007
SOIC-8 Package (top view)
DRB-8 Package (top view)
FUNCTIONAL BLOCK DIAGRAM
A.
For the TPS28226DRB device the thermal PAD on the bottom side of package must be soldered and connected to
the GND pin and to the GND plane of the PCB in the shortest possible way. See Recommended Land Pattern in the
Application section.
8
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS28226


Numéro de pièce similaire - TPS28226

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS28226 TI1-TPS28226 Datasheet
1Mb / 39P
[Old version datasheet]   TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226D TI1-TPS28226D Datasheet
1Mb / 39P
[Old version datasheet]   TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226DG4 TI1-TPS28226DG4 Datasheet
1Mb / 39P
[Old version datasheet]   TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226DR TI1-TPS28226DR Datasheet
1Mb / 39P
[Old version datasheet]   TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226DRBR TI1-TPS28226DRBR Datasheet
1Mb / 39P
[Old version datasheet]   TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
More results

Description similaire - TPS28226

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS28225-Q1 TI1-TPS28225-Q1 Datasheet
777Kb / 34P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI1-TPS28225_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226 TI1-TPS28226_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225-Q1 TI1-TPS28225-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225-Q1 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI-TPS28225 Datasheet
987Kb / 30P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Driver
logo
Intersil Corporation
ISL6615A INTERSIL-ISL6615A Datasheet
239Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615ACBZ INTERSIL-ISL6615ACBZ Datasheet
414Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
April 13, 2012
ISL6615AIRZ-T INTERSIL-ISL6615AIRZ-T Datasheet
412Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6615 RENESAS-ISL6615 Datasheet
567Kb / 11P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615A RENESAS-ISL6615A Datasheet
626Kb / 13P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com