Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM13305-4ARZ-RL71 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce ADM13305-4ARZ-RL71
Description  Dual Processor Supervisors with Watchdog
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM13305-4ARZ-RL71 Fiches technique(HTML) 7 Page - Analog Devices

Back Button ADM13305-4ARZ-RL71 Datasheet HTML 3Page - Analog Devices ADM13305-4ARZ-RL71 Datasheet HTML 4Page - Analog Devices ADM13305-4ARZ-RL71 Datasheet HTML 5Page - Analog Devices ADM13305-4ARZ-RL71 Datasheet HTML 6Page - Analog Devices ADM13305-4ARZ-RL71 Datasheet HTML 7Page - Analog Devices ADM13305-4ARZ-RL71 Datasheet HTML 8Page - Analog Devices ADM13305-4ARZ-RL71 Datasheet HTML 9Page - Analog Devices ADM13305-4ARZ-RL71 Datasheet HTML 10Page - Analog Devices ADM13305-4ARZ-RL71 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADM13305
Rev. 0 | Page 7 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
SENSE1 1
SENSE2 2
WDI 3
GND 4
VDD
8
MR
7
RESET
6
RESET
5
ADM13305
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 10. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SENSE1
Sense Input Voltage 1.
2
SENSE2
Sense Input Voltage 2.
3
WDI
Watchdog Timer Input.
4
GND
Ground.
5
RESET
Active-Low Reset Output.
6
RESET
Active-High Reset Output.
7
MR
Manual Reset Input.
8
VDD
Supply Voltage.


Numéro de pièce similaire - ADM13305-4ARZ-RL71

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM13305 AD-ADM13305_15 Datasheet
313Kb / 12P
   Dual Processor Supervisors with Watchdog
REV. 0
More results

Description similaire - ADM13305-4ARZ-RL71

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM13305 AD-ADM13305_15 Datasheet
313Kb / 12P
   Dual Processor Supervisors with Watchdog
REV. 0
logo
Texas Instruments
TPS3305-18DRG4 TI1-TPS3305-18DRG4 Datasheet
780Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305-18DRG4 TI-TPS3305-18DRG4 Datasheet
780Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305- TI-TPS3305- Datasheet
236Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305 TI1-TPS3305_16 Datasheet
998Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3307- TI-TPS3307- Datasheet
430Kb / 14P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-EP TI1-TPS3307-18-EP_16 Datasheet
984Kb / 18P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18 TI1-TPS3307-18_16 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI1-TPS3307-18-Q1_16 Datasheet
801Kb / 15P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307 AD-ADM13307_15 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com