Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMBJ12A Fiches technique(PDF) 1 Page - First Components International

No de pièce SMBJ12A
Description  5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FCI [First Components International]
Site Internet  http://www.cotra.com.tw/
Logo FCI - First Components International

SMBJ12A Fiches technique(HTML) 1 Page - First Components International

  SMBJ12A Datasheet HTML 1Page - First Components International SMBJ12A Datasheet HTML 2Page - First Components International SMBJ12A Datasheet HTML 3Page - First Components International SMBJ12A Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Description
Features
n 600 WATT PEAK POWER PROTECTION
n EXCELLENT CLAMPING CAPABILITY
n FAST RESPONSE TIME
Mechanical Dimensions
n TYPICAL I
R < 1µ
µµµµA ABOVE 10V
n GLASSPASSIVATEDCHIPCONSTRUCTION
n MEETS UL SPECIFICATION 94V-0
Electrical Characteristics @ 25OC.
Maximum Ratings
Peak Power Dissipation...P
PK
T
P = 1mS (Note 5)
Steady State Power Dissipation...P
D
@ T
T = 75°C (Note 2)
Non-Repetitive Peak Forward Surge Current...I
FSM
@ Rated Load Conditions, 8.3 mS, ½ Sine Wave, Single Phase
(Note 3)
Weight...G
RM
Soldering Requirements (Time & Temp)...S
T
@ 250°C
Operating & Storage Temperature Range...T
J, TSTRG
SMBJ5.0...170
Data Sheet
5.0V to 170V SMD TRANSIENT
VOLTAGE SUPPRESSORS
Units
Watts
Watts
Amps
Grams
......................................... 600 Min. ..........................................
............................................. 5 ...............................................
............................................. 100 ...............................................
............................................. 0.12 ...............................................
............................................. 10 Sec. ...........................................
......................................... -65 to 175 ..........................................
°C
Page 10-40
Min. to
Solder
NOTES: 1. For Bi-Directional Applications, Use C or CA. Electrical Characteristics Apply in Both Directions.
2. Mounted on 8mm Copper Pads to Each Terminal.
3. 8.3 mS, ½ Sine Wave, Single Phase Duty Cycle, @ 4 Pulses Per Minute Maximum.
4. V
BR Measured After It Applies for 300 uS. IT = Square Wave Pulse or Equivalent.
5. Non-Repetitive Current Pulse. Per Fig. 3 and Derated Above T
A = 25°C per Fig. 2.
4.06/4.60
.01/.20
1.91/2.41
1.90/2.15
1.65/2.19
5.10/5/58
.11/.30
3.30/3.90
Package
‘‘SMB’’
Cathode
Uni-Polar
Load
TVS
Device
TVS
Device
Load
Uni-Polar


Numéro de pièce similaire - SMBJ12A

FabricantNo de pièceFiches techniqueDescription
logo
Jinan Gude Electronic D...
SMBJ12A JGD-SMBJ12A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ12A SOCAY-SMBJ12A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Micro Commercial Compon...
SMBJ12A MCC-SMBJ12A Datasheet
202Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
logo
Vishay Siliconix
SMBJ12A VISHAY-SMBJ12A Datasheet
112Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 04-Sep-07
logo
HuaXinAn Electronics CO...
SMBJ12A HUAXINAN-SMBJ12A Datasheet
450Kb / 6P
   Transient Voltage Suppressors
More results

Description similaire - SMBJ12A

FabricantNo de pièceFiches techniqueDescription
logo
First Components Intern...
SMCJ5.0 FCI-SMCJ5.0 Datasheet
161Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
SMAJ5.0 FCI-SMAJ5.0 Datasheet
179Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
SA5.0 FCI-SA5.0 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
3.0SMCJ5.0 FCI-3.0SMCJ5.0 Datasheet
939Kb / 5P
   5.0V to 220V SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
UN Semiconducctor INC
TPSMBJ UNSEMI-TPSMBJ Datasheet
2Mb / 6P
   11 To 170V 600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
First Components Intern...
5KP FCI-5KP Datasheet
187Kb / 4P
   5.0V to 110V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Central Semiconductor C...
PB_CMATVS3V3_1509 CENTRAL-PB_CMATVS3V3_1509 Datasheet
1Mb / 2P
   3.3V and 5.0V Transient Voltage Suppressors
logo
Guangdong Youtai Semico...
SMF5.0A UMW-SMF5.0A_V01 Datasheet
598Kb / 4P
   5.0V-170V 175-200W
logo
EPCOS
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com