Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT1232LPV-GT3 Fiches technique(PDF) 3 Page - Catalyst Semiconductor

No de pièce CAT1232LPV-GT3
Description  5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1232LPV-GT3 Fiches technique(HTML) 3 Page - Catalyst Semiconductor

  CAT1232LPV-GT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT1232LPV-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT1232LPV-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT1232LPV-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT1232LPV-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT1232LPV-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT1232LPV-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT1232LPV-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT1232LPV-GT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CAT1232, CAT1832
ELECTRICAL CHARACTERISTICS
Unless otherwise stated, 1.0V - VCC - 5.5V and over the operating temperature range of -40ºC to +85ºC. All
voltages are referenced to ground.
Symbol Parameter
Conditions
Min
Typ
Max
Units
VCC
Supply Voltage
1.0
5.5
V
VCC = 5.5V, CAT1232LP
35
50
ICC1
Supply Current
VCC = 3.6V, CAT1832
20
35
µA
(5)
2
VIH
ST and PBRST
¯¯¯¯¯¯ Input High
Level
(6)
VCC - 0.4V
VCC + 0.3V
V
VCC = 5.5V, CAT1232LP
-0.3
0.8
VIL
ST and PBRST
¯¯¯¯¯¯ Input Low
Level
VCC = 3.6V, CAT1832
0.5
V
VCCTP
VCC Trip Point (TOL = GND)
CAT1232LP
4.50
4.62
4.74
V
VCCTP
VCC Trip Point (TOL = VCC)
CAT1232LP
4.25
4.37
4.49
V
VCCTP
VCC Trip Point (TOL = GND)
CAT1832
2.80
2.88
2.97
V
VCCTP
VCC Trip Point (TOL = VCC)
CAT1832
2.47
2.55
2.64
V
tTD
Watchdog Time-Out Period
TD = GND
62.5
150
250
ms
tTD
Watchdog Time-Out Period
TD = VCC
500
1200
2000
ms
tTD
Watchdog Time-Out Period
TD floating
250
600
1000
ms
VOH
Output Voltage
I = -500µA
(3)
VCC -0.5V VCC -0.1V
V
IOH
Output Current
Output = 2.4V
(2)
-350
µA
IOL
Output Current
Output = 0.4V,
10
mA
IIL
Input Leakage
(1)
-1.0
1.0
µA
RPU
Internal Pull-Up Resistor
(1)
32
40
55
kΩ
CIN
Input Capacitance
5
pF
C
Output Capacitance
7
pF
OUT
PBRST
¯¯¯¯¯¯ Manual Reset
Minimum Low Time
PBRST
¯¯¯¯¯¯ = V
20
ms
tPB
IL
t
Reset Active Time
250
600
1000
ms
RST
ST
¯¯ Pulse Width
t
(4)
20
ns
ST
VCC Fail Detect to RESET or
RESET
¯¯¯¯¯¯
t
5
8
µs
RPD
t
V
Slew Rate
20
µs
F
CC
PBRST
¯¯¯¯¯¯ Stable LOW to RESET
and RESET
¯¯¯¯¯¯ Active
t
20
ms
PDLY
VCC Detect to RESET or
RESET
¯¯¯¯¯¯ Inactive
tRPU
tRISE = 5µs
250
600
1000
ms
t
V
Slew Rate
4.25V to 4.75V
0
ns
R
CC
Notes:
(1) PBRST
¯¯¯¯¯¯ is internally pulled HIGH to V through a nominal 40kΩ resistor (RPU).
CC
(2) RESET
¯¯¯¯¯¯ is an open drain output on the CAT1232LP.
(3) RESET remains within 0.5V of VCC on power-down until VCC falls below 2V. RESET remains within 0.5V of ground on power-down until
V
falls below 2.0V.
CC
(4) Must not exceed the minimum watchdog time-out period (tTD). The watchdog circuit cannot be disabled. To avoid a reset, ST
¯¯ must be
strobed.
≥ 2.7V.
(5) Measured with VCC
(6) Measured with V
< 2.7V.
CC
© Catalyst Semiconductor, Inc.
3
Doc. No. MD-3018 Rev. D
Characteristics subject to change without notice


Numéro de pièce similaire - CAT1232LPV-GT3

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT1232LPV-GT3 ONSEMI-CAT1232LPV-GT3 Datasheet
604Kb / 12P
   5 V and 3.3 V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
Doc. No. MD-3018 Rev. F
More results

Description similaire - CAT1232LPV-GT3

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT1232LP CATALYST-CAT1232LP_06 Datasheet
179Kb / 12P
   5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
logo
ON Semiconductor
CAT1232LP ONSEMI-CAT1232LP Datasheet
604Kb / 12P
   5 V and 3.3 V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
Doc. No. MD-3018 Rev. F
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726_1 Datasheet
178Kb / 12P
   Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Linear Technology
LTC2930 LINER-LTC2930 Datasheet
179Kb / 12P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
logo
Catalyst Semiconductor
CAT1232LP CATALYST-CAT1232LP Datasheet
117Kb / 9P
   5V and 3.3V Supply Voltage Monitor and Reset Circuit
logo
Linear Technology
LTC2930 LINER-LTC2930_15 Datasheet
169Kb / 12P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com