Moteur de recherche de fiches techniques de composants électroniques |
|
DL-3308-VX Fiches technique(PDF) 1 Page - Optoway Technology Inc |
|
DL-3308-VX Fiches technique(HTML) 1 Page - Optoway Technology Inc |
1 / 2 page Optoway DL-3300 ******************************************************************************************************************************************************** ******************************************************************************************************************************************************* OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 1/1/2003 V1.0 1310 nm DFB LASER DIODE MODULES DL-3300 SERIES UNCOOLED MQW DFB LD WITH PIGTAIL ******************************************************************************************************************************************************* FEATURES ² 1310 nm Uncooled Laser Diode with MQW Structure ² High Reliability, Long Operation Life ² 0 to 70oC operation without active cooling ² Build-in InGaAs monitor APPLICATION Trunk Line, FitL DESCRIPTION DL-3300 series are designed for coupling a single mode optical fiber with 1310 nm MQW DFB uncooled laser diode. DL-3300 series are the best kits as light sources for telecom and datacom applications. ELECTRICAL AND OPTICAL CHARACTERISTICS (TC=25 °C) Symbol Parameter Test Conditions Min. Typ. Max. Unit Ith Threshold Current CW 10 15 mA VOP Operating Voltage CW, IF= Ith+20mA 1.2 1.5 V Pf Optical Output Power Part No:DL-330X DL-331X DL-332X DL-333X CW, IF= Ith+20mA 0.2 0.5 1.0 2.0 - - - - - - mW λc Center Wavelength CW, Ith+20mA 1290 1310 1330 nm SMSR Side Mode Suppression Ratio CW, Ith+20mA 30 35 dB t r, t f Rise And Fall Times IF=Ith, Ith+20mA , 20~ 80% 0.226 ns ΔP f / P f Tracking Error APC, 0~+70 ºC - - ±1.5 dB Im PD Monitor Current CW, Ith+20mA,VRD=1V 100 μA ID PD Dark Current VRD=5V 0.1 μA Ct PD Capacitance VRD=5V, f=1MHz 10 15 pF ABSOLUTE MAXIMUM RATINGS (TC=25 ºC) Symbol Parameter Ratings Unit Po Optical Output Power (330X/331X/332X/333X) 0.5/1.0/1.5/3 mW VRL LD Reverse Voltage 2 V VRD PD Reverse Voltage 10 V IFD PD Forward Current 1.0 mA Topr Operating Temperature 0 to 70 ºC Tstg Storage Temperature -40~+85 ºC |
Numéro de pièce similaire - DL-3308-VX |
|
Description similaire - DL-3308-VX |