Moteur de recherche de fiches techniques de composants électroniques |
|
AM29LV008T-90FIB Fiches technique(PDF) 8 Page - Advanced Micro Devices |
|
AM29LV008T-90FIB Fiches technique(HTML) 8 Page - Advanced Micro Devices |
8 / 39 page 8 Am29LV008T/Am29LV008B PRELIMINARY USER BUS OPERATIONS Read Mode The Am29LV008 has three control functions which must be satisfied in order to obtain data at the outputs: s CE is the power control and should be used for de- vice selection (CE = VIL) s OE is the output control and should be used to gate data to the output pins if the device is selected (OE = VIL) s WE remains at VIH Address access time (TACC) is equal to the delay from stable addresses to valid output data. The chip enable access time (TCE) is the delay from stable addresses and stable CE to valid data at the output pins. The out- put enable access time (TOE) is the delay from the fall- ing edge of OE to valid data at the output pins (assuming the addresses have been stable at least TACC – TOE time). Standby Mode The Am29LV008 is designed to accommodate low standby power consumption by applying the following voltages to the CE and RESET pins: ICC3 for CMOS compatible I/Os (current consumption <5 µA max.) is enabled when a CMOS logic level ‘1’ (VCC ± 0.3 V) is applied to the CE control pin with RESET = VCC ± 0.3 V. While in the ICC3 standby mode, the data I/O pins re- main in the high impedance state independent of the voltage level applied to the OE input. See the DC Char- acteristics section for more details on Standby Modes. Deselecting CE (CE and RESET = VCC ± 0.3 V) puts the device into the ICC3 standby mode. If the device is deselected during an Embedded Algorithm operation, it continues to draw active power (ICC2) prior to entering the standby mode, until the operation is complete. When the device is again selected (CE = VIL), active operations occur in accordance with the AC timing specifications. Automatic Sleep Mode Advanced power management features such as the automatic sleep mode minimize Flash device energy consumption. This is extremely impor tant in battery-powered applications. The Am29LV008 auto- matically enables the low-power, automatic sleep mode when addresses remain stable for 200 ns. Auto- matic sleep mode is independent of the CE, WE, and OE control signals. Typical sleep mode current draw is 200 nA (for CMOS-compatible operation). Standard address access timings provide new data when addresses are changed. While in sleep mode, output data is latched and always available to the system. Output Disable If the OE input is at a logic high level (VIH), output from the device is disabled. This will cause the output pins to be in a high impedance state. |
Numéro de pièce similaire - AM29LV008T-90FIB |
|
Description similaire - AM29LV008T-90FIB |