Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD54AC257F3A Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD54AC257F3A
Description  Quad 2-Input Multiplexer with Three-State Outputs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD54AC257F3A Fiches technique(HTML) 5 Page - Texas Instruments

  CD54AC257F3A Datasheet HTML 1Page - Texas Instruments CD54AC257F3A Datasheet HTML 2Page - Texas Instruments CD54AC257F3A Datasheet HTML 3Page - Texas Instruments CD54AC257F3A Datasheet HTML 4Page - Texas Instruments CD54AC257F3A Datasheet HTML 5Page - Texas Instruments CD54AC257F3A Datasheet HTML 6Page - Texas Instruments CD54AC257F3A Datasheet HTML 7Page - Texas Instruments CD54AC257F3A Datasheet HTML 8Page - Texas Instruments CD54AC257F3A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
ACT Input Load Table
INPUT
UNIT LOAD
Data
0.83
S
1.27
OE
1.27
NOTE: Unit load is
∆ICC limit specified in DC Electrical Specifications
Table, e.g., 2.4mA max at 25oC.
Switching Specifications Input tr, tf = 3ns, CL = 50pF (Worst Case)
PARAMETER
SYMBOL
VCC (V)
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
AC TYPES
Propagation Delay,
In to Y
AC/ACT257
tPLH, tPHL
1.5
-
-
106
-
-
117
ns
3.3
(Note 9)
3.3
-
11.8
3.3
-
13
ns
5
(Note 10)
2.4
-
8.5
2.3
-
9.3
ns
Propagation Delay,
S to Y
AC/ACT257
tPLH, tPHL
1.5
-
-
153
-
-
168
ns
3.3
4.8
-
17.1
4.7
-
18.8
ns
5
3.5
-
12.2
3.4
-
13.4
ns
Propagation Delay,
OE to Y
AC/ACT257
tPLZ, tPHZ,
tPZL, tPZH
1.5
-
-
167
-
-
184
ns
3.3
5.3
-
18.7
5.2
-
20.6
ns
5
3.8
-
13.4
3.7
-
14.7
ns
Propagation Delay,
In to Y
’AC/CD74ACT258
tPLH, tPHL
1.5
-
-
91
-
-
100
ns
3.3
2.9
-
10.2
2.8
-
11.2
ns
5
2.1
-
7.3
2
-
8
ns
Propagation Delay,
S to Y
’AC/CD74ACT258
tPLH, tPHL
1.5
-
-
153
-
-
168
ns
3.3
4.8
-
17.1
4.7
-
18.8
ns
5
3.5
-
12.2
3.4
-
13.4
ns
Propagation Delay,
OE to Y
’AC/CD74ACT258
tPLZ, tPHZ,
tPZL, tPZH
1.5
-
-
167
-
-
184
ns
3.3
5.3
-
18.7
5.2
-
20.6
ns
5
3.8
-
13.4
3.7
-
14.7
ns
Three-State Output
Capacitance
CO
-
-
-15-
-15
pF
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 11)
-
-
130
-
-
130
-
pF
ACT TYPES
Propagation Delay,
In to Y
AC/ACT257
tPLH, tPHL
5
(Note 10)
2.8
-
9.7
2.7
-
10.7
ns
Propagation Delay,
S to Y
AC/ACT257
tPLH, tPHL
5
4
-
14
3.9
-
15.4
ns
CD54/74AC257, CD54/74ACT257, CD74ACT258


Numéro de pièce similaire - CD54AC257F3A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD54AC257F3A TI-CD54AC257F3A Datasheet
287Kb / 8P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
CD54AC257F3A TI-CD54AC257F3A Datasheet
485Kb / 17P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
More results

Description similaire - CD54AC257F3A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD74AC257 TI-CD74AC257 Datasheet
39Kb / 8P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
CD74AC257 TI-CD74AC257 Datasheet
287Kb / 8P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
CD54AC257 TI-CD54AC257_08 Datasheet
485Kb / 17P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
logo
Intersil Corporation
ACS257MS INTERSIL-ACS257MS Datasheet
48Kb / 2P
   Radiation Hardened Quad 2-Input Multiplexer with Three-State Outputs
November 1997
logo
Fairchild Semiconductor
74F258A FAIRCHILD-74F258A Datasheet
56Kb / 6P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
National Semiconductor ...
MN54AC258-X NSC-MN54AC258-X Datasheet
17Kb / 7P
   Quad 2 Input Multiplexer With TRI - STATE Outputs
54AC258 NSC-54AC258 Datasheet
143Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54F257ADM NSC-54F257ADM Datasheet
157Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
logo
Motorola, Inc
SN54LS257B MOTOROLA-SN54LS257B Datasheet
182Kb / 6P
   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT258 FAIRCHILD-74ACT258_07 Datasheet
284Kb / 10P
   Quad 2-Input Multiplexer with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com