Moteur de recherche de fiches techniques de composants électroniques |
|
DL-5335-1650-XT Fiches technique(PDF) 2 Page - Optoway Technology Inc |
|
DL-5335-1650-XT Fiches technique(HTML) 2 Page - Optoway Technology Inc |
2 / 2 page Optoway DL-5300S-1650 ******************************************************************************************************************************************************** ******************************************************************************************************************************************************* OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 8/1/2004 V1.0 MECHANICAL DIMENSION (mm) and PIN ASSIGNMENT Note: Specifications subject to change without notice. ORDER INFORMATION Part No.: D L − 5 3 □ □ □ − 1 6 5 0 − □ □ □ □ Code Pout (mw) Code Flange Code Isolator 2 1 V Vertical Blank No 3 2 H Horizontal S Single-Stage X No Flange Code Pin Assignment 0 Type A Code Connector 5 Type B S SC/PC 8 Type C F FC/PC T ST/PC Code Speed X No connector Blank 1.25 Gbps SA SC/APC S 2.5 Gbps FA FC/APC TA ST/APC |
Numéro de pièce similaire - DL-5335-1650-XT |
|
Description similaire - DL-5335-1650-XT |