Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2856QDWR Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2856QDWR
Description  IMPROVED CURRENT MODE PWM CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2856QDWR Fiches technique(HTML) 9 Page - Texas Instruments

Back Button UC2856QDWR Datasheet HTML 4Page - Texas Instruments UC2856QDWR Datasheet HTML 5Page - Texas Instruments UC2856QDWR Datasheet HTML 6Page - Texas Instruments UC2856QDWR Datasheet HTML 7Page - Texas Instruments UC2856QDWR Datasheet HTML 8Page - Texas Instruments UC2856QDWR Datasheet HTML 9Page - Texas Instruments UC2856QDWR Datasheet HTML 10Page - Texas Instruments UC2856QDWR Datasheet HTML 11Page - Texas Instruments UC2856QDWR Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.ti.com
S0023-01
COMP
0.5 V
+
1
Current Limit
ISENSE
EA
ISS
R2
C
VREF
R1
VREF
S
S
+
1.0 V
+
16
SHUTDOWN
Current Limit
SHUTDOWN With Auto-Restart
SHUTDOWN Without
Auto-Restart (Latched)
0.5 V
0
Shutdown
On
Off
PWM
UC2856Q
SGLS265 – NOVEMBER 2004
APPLICATION AND OPERATION INFORMATION (continued)
NOTE: If VREF / R1 < 0.8 mA, the shutdown latch commutates when ISS = 0.8 mA and a restart cycle will be initiated. If VREF /
R1 > 3 mA, the device will latch off until power is recycled.
Figure 7. Shutdown
9


Numéro de pièce similaire - UC2856QDWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2856QDWRQ1 TI-UC2856QDWRQ1 Datasheet
218Kb / 12P
[Old version datasheet]   IMPROVED CURRENT-MODE PWM CONTROLLER
More results

Description similaire - UC2856QDWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1856-SP TI1-UC1856-SP Datasheet
563Kb / 24P
[Old version datasheet]   Improved Current-Mode PWM Controller
UC1856J TI-UC1856J Datasheet
3Mb / 14P
[Old version datasheet]   Improved Current Mode PWM Controller
UC2856-Q1 TI-UC2856-Q1_15 Datasheet
685Kb / 16P
[Old version datasheet]   IMPROVED CURRENT-MODE PWM CONTROLLER
UC1856 TI-UC1856 Datasheet
386Kb / 9P
[Old version datasheet]   Improved Current Mode PWM Controller
UC2856-Q1 TI-UC2856-Q1 Datasheet
218Kb / 12P
[Old version datasheet]   IMPROVED CURRENT-MODE PWM CONTROLLER
UC2856Q TI-UC2856Q_15 Datasheet
685Kb / 15P
[Old version datasheet]   IMPROVED CURRENT MODE PWM CONTROLLER
UC3856N TI1-UC3856N Datasheet
3Mb / 14P
[Old version datasheet]   Improved Current Mode PWM Controller
UC1856 TI1-UC1856_12 Datasheet
3Mb / 14P
[Old version datasheet]   Improved Current Mode PWM Controller
UC1856-SP TI-UC1856-SP_15 Datasheet
454Kb / 23P
[Old version datasheet]   UC1856-SP Improved Current-Mode PWM Controller
logo
Intersil Corporation
ISL6840 INTERSIL-ISL6840_07 Datasheet
278Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com