Moteur de recherche de fiches techniques de composants électroniques |
|
UC2856Q Fiches technique(PDF) 7 Page - Texas Instruments |
|
|
UC2856Q Fiches technique(HTML) 7 Page - Texas Instruments |
7 / 12 page www.ti.com 70 75 80 85 90 95 100 105 110 0 10 20 30 40 50 60 70 80 90 100 110 RL − Output Load Resistance − kΩ VIN = 20 V TJ = 25° G002 RL VOUT S0021-01 CT RT 9 8 RT CT 2 VREF 5 EA+ 10 SYNC 7 COMP 6 EA− Master Output Filters 2 5 10 7 6 VREF EA+ SYNC COMP EA− Slave (Additional Units) 9 RT 8 CT UC2856Q SGLS265 – NOVEMBER 2004 APPLICATION AND OPERATION INFORMATION (continued) Figure 4. Error Amplifier Open-Loop DC Gain vs Load Resistance NOTE: Slaving allows parallel operation of two or more units with equal current sharing. Figure 5. Parallel Operation 7 |
Numéro de pièce similaire - UC2856Q |
|
Description similaire - UC2856Q |