Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA3120 Fiches technique(PDF) 8 Page - Fairchild Semiconductor

No de pièce KA3120
Description  SPINDLE & VOICE COIL MOTOR ONE CHIP DRIVER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3120 Fiches technique(HTML) 8 Page - Fairchild Semiconductor

Back Button KA3120 Datasheet HTML 4Page - Fairchild Semiconductor KA3120 Datasheet HTML 5Page - Fairchild Semiconductor KA3120 Datasheet HTML 6Page - Fairchild Semiconductor KA3120 Datasheet HTML 7Page - Fairchild Semiconductor KA3120 Datasheet HTML 8Page - Fairchild Semiconductor KA3120 Datasheet HTML 9Page - Fairchild Semiconductor KA3120 Datasheet HTML 10Page - Fairchild Semiconductor KA3120 Datasheet HTML 11Page - Fairchild Semiconductor KA3120 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
KA3120
HDD PRODUCTS
8
PRELIMINARY
MIC-99D001
January 1999
EQUIVALENT CIRCUITS (Continued)
VCM offset compensation output
Power on reset part
VCM gain selection input
VCM PWM high input
VCM PWM low input
VCM PWM filter Capacitor
VDD
#9
27
20k
Internal
Switch
+
15
µ
27
27
VDD
VDD
VDD
#11
#10
50k
Internal
2.5V
#12
VDD
27
10k
10k
10k
#13
27
Internal switch
500
µ
VDD
#14
27
Internal switch
15.6
µ
VDD
+
+
+
VCC, 12V
4k
Internal 4V
#15


Numéro de pièce similaire - KA3120

FabricantNo de pièceFiches techniqueDescription
logo
OPTEK Technologies
KA3128 OPTEK-KA3128 Datasheet
285Kb / 6P
   Reflective Color Sensor Assembly
More results

Description similaire - KA3120

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA2811C FAIRCHILD-KA2811C Datasheet
313Kb / 28P
   12V Spindle Motor and Voice Coil Motor Driver
FAN8620B FAIRCHILD-FAN8620B Datasheet
475Kb / 35P
   12V Spindle Motor and Voice Coil Motor Driver
logo
Texas Instruments
TLS2205 TI-TLS2205 Datasheet
775Kb / 31P
[Old version datasheet]   VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
logo
Fairchild Semiconductor
FAN8621B FAIRCHILD-FAN8621B Datasheet
228Kb / 21P
   12V Spindle Motor and Voice Coil Motor Driver IC
logo
NXP Semiconductors
TDA5149G PHILIPS-TDA5149G Datasheet
148Kb / 28P
   12 V Voice Coil Motor VCM driver and spindle motor pre-driver combination chip
1996 May 06
TDA5147K PHILIPS-TDA5147K Datasheet
154Kb / 32P
   12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
1996 Jul 26
logo
Panasonic Semiconductor
AN8420FBP PANASONIC-AN8420FBP Datasheet
1Mb / 27P
   Spindle/Voice Coil Motor Drive IC
logo
NXP Semiconductors
TDA5147CH PHILIPS-TDA5147CH Datasheet
196Kb / 32P
   12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
1997 Jul 09
logo
Allegro MicroSystems
8983 ALLEGRO-8983 Datasheet
38Kb / 2P
   SPINDLE & VOICE-COIL ACTUATION MANAGER/DRIVER
8980 ALLEGRO-8980 Datasheet
81Kb / 8P
   SUPERSERVO SPINDLE & VOICE-COIL ACTUATION MANAGER/DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com