Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GBB-7510G Fiches technique(PDF) 4 Page - Optoway Technology Inc

No de pièce GBB-7510G
Description  1550 nm TX / 1310 nm RX , 5V / 1.25 Gbps Single-Mode WDM Gigabit Interface Converter (GBIC)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OPTOWAY [Optoway Technology Inc]
Site Internet  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

GBB-7510G Fiches technique(HTML) 4 Page - Optoway Technology Inc

  GBB-7510G Datasheet HTML 1Page - Optoway Technology Inc GBB-7510G Datasheet HTML 2Page - Optoway Technology Inc GBB-7510G Datasheet HTML 3Page - Optoway Technology Inc GBB-7510G Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Optoway
GBB-7510G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2005 V2.0
4
PACKAGE DIAGRAM
Units in mm
Note: Specifications subject to change without notice.


Numéro de pièce similaire - GBB-7510G

FabricantNo de pièceFiches techniqueDescription
logo
Optoway Technology Inc
GBB-75120-1510G OPTOWAY-GBB-75120-1510G Datasheet
86Kb / 4P
   1510 nm TX / 1590 nm RX , 5V / 1.25 Gbps Single-Mode WDM Gigabit Interface Converter (GBIC)
GBB-75120-1590G OPTOWAY-GBB-75120-1590G Datasheet
86Kb / 4P
   1590 nm TX / 1510 nm RX , 5V / 1.25 Gbps Single-Mode WDM Gigabit Interface Converter (GBIC)
More results

Description similaire - GBB-7510G

FabricantNo de pièceFiches techniqueDescription
logo
Optoway Technology Inc
GBB-7520G OPTOWAY-GBB-7520G Datasheet
85Kb / 4P
   1550 nm TX / 1310 nm RX , 5V / 1.25 Gbps Single-Mode WDM Gigabit Interface Converter (GBIC)
GBB-7440G OPTOWAY-GBB-7440G Datasheet
85Kb / 4P
   1310 nm TX / 1550 nm RX , 5V / 1.25 Gbps Single-Mode WDM Gigabit Interface Converter (GBIC)
GBB-7540G OPTOWAY-GBB-7540G Datasheet
85Kb / 4P
   1550 nm TX / 1310 nm RX , 5V / 1.25 Gbps Single-Mode WDM Gigabit Interface Converter (GBIC)
GBB-7410G OPTOWAY-GBB-7410G Datasheet
85Kb / 4P
   1310 nm TX / 1550 nm RX , 5V / 1.25 Gbps Single-Mode WDM Gigabit Interface Converter (GBIC)
GBB-7420G OPTOWAY-GBB-7420G Datasheet
85Kb / 4P
   1310 nm TX / 1550 nm RX , 5V / 1.25 Gbps Single-Mode WDM Gigabit Interface Converter (GBIC)
GBB-7820G OPTOWAY-GBB-7820G Datasheet
85Kb / 4P
   1310 nm TX / 1550 nm RX , 5V / 1.25 Gbps Single-Mode WDM Gigabit Interface Converter (GBIC)
GBB-7400G OPTOWAY-GBB-7400G Datasheet
85Kb / 4P
   1310 nm TX / 1550 nm RX , 5V / 1.25 Gbps Multi-Mode WDM Gigabit Interface Converter (GBIC)
GBB-7500G OPTOWAY-GBB-7500G Datasheet
85Kb / 4P
   1550 nm TX / 1310 nm RX , 5V / 1.25 Gbps Multi-Mode WDM Gigabit Interface Converter (GBIC)
GBB-7810G OPTOWAY-GBB-7810G Datasheet
85Kb / 4P
   1310 nm TX / 1490 nm RX , 5V / 1.25 Gbps Single-Mode WDM Gigabit Interface Converter (GBIC)
GBB-7920G OPTOWAY-GBB-7920G Datasheet
85Kb / 4P
   1490 nm TX / 1310 nm RX , 5V / 1.25 Gbps Single-Mode WDM Gigabit Interface Converter (GBIC)
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com