Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA45CA Fiches technique(PDF) 2 Page - Pan Jit International Inc.

No de pièce SA45CA
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SA45CA Fiches technique(HTML) 2 Page - Pan Jit International Inc.

  SA45CA Datasheet HTML 1Page - Pan Jit International Inc. SA45CA Datasheet HTML 2Page - Pan Jit International Inc. SA45CA Datasheet HTML 3Page - Pan Jit International Inc. SA45CA Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
STAD-MAY.25.2007
SA5.0~SA220CA
r
e
b
m
u
N
t
r
a
P
e
s
r
e
v
e
R
f
f
o
-
d
n
a
t
S
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
g
a
t
l
o
V
t
s
e
T
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
R
p
m
a
l
C
.
x
a
M
e
g
a
t
l
o
V
0
0
0
1
/
0
1
µ
µ
µ
µ
µs
e
s
l
u
P
k
a
e
P
t
n
e
r
r
u
C
0
0
0
1
/
0
1
µ
µ
µ
µ
µs
e
d
o
C
g
n
i
k
r
a
M
V RWM
V BR
I
@
T
IR @VRWM
VC @IPP
IPP
.
n
i
M
.
x
a
M
I T
-
I
N
U
-
I
B
I
N
U
I
B
V
V
V
A
m
A
u
A
u
V
A
I
N
U
I
B
r
o
s
s
e
r
p
p
u
S
e
g
a
t
l
o
V
t
n
e
i
s
n
a
r
T
W
0
0
5
0
.
5
A
S
C
0
.
5
A
S
5
4
.
6
5
5
.
7
0
1
0
0
6
0
0
2
1
6
.
9
3
.
2
5
0
.
5
A
S
C
0
.
5
A
S
A
0
.
5
A
S
A
C
0
.
5
A
S
5
4
.
6
5
2
.
7
0
1
0
0
6
0
0
2
1
2
.
9
3
.
4
5
A
0
.
5
A
S
A
C
0
.
5
A
S
0
.
6
A
S
C
0
.
6
A
S
6
7
6
.
6
5
4
.
8
0
1
0
0
6
0
0
2
1
4
.
1
1
9
.
3
4
0
.
6
A
S
C
0
.
6
A
S
A
0
.
6
A
S
A
C
0
.
6
A
S
6
7
6
.
6
7
6
.
7
0
1
0
0
6
0
0
2
1
3
.
0
1
5
.
8
4
A
0
.
6
A
S
A
C
0
.
6
A
S
5
.
6
A
S
C
5
.
6
A
S
5
.
6
2
2
.
7
4
1
.
9
0
1
0
0
4
0
0
8
3
.
2
1
7
.
0
4
5
.
6
A
S
C
5
.
6
A
S
A
5
.
6
A
S
A
C
5
.
6
A
S
5
.
6
2
2
.
7
3
.
8
0
1
0
0
4
0
0
8
2
.
1
1
7
.
4
4
A
5
.
6
A
S
A
C
5
.
6
A
S
0
.
7
A
S
C
0
.
7
A
S
7
8
7
.
7
6
8
.
9
0
1
0
5
1
0
0
3
3
.
3
1
8
.
7
3
0
.
7
A
S
C
0
.
7
A
S
A
0
.
7
A
S
A
C
0
.
7
A
S
7
8
7
.
7
5
9
.
8
0
1
0
5
1
0
0
3
2
1
7
.
1
4
A
0
.
7
A
S
A
C
0
.
7
A
S
5
.
7
A
S
C
5
.
7
A
S
5
.
7
3
3
.
8
7
6
.
0
1
1
0
5
0
0
1
3
.
4
1
5
3
5
.
7
A
S
C
5
.
7
A
S
A
5
.
7
A
S
A
C
5
.
7
A
S
5
.
7
3
3
.
8
8
5
.
9
1
0
5
0
0
1
9
.
2
1
8
.
8
3
A
5
.
7
A
S
A
C
5
.
7
A
S
0
.
8
A
S
C
0
.
8
A
S
8
9
8
.
8
3
.
1
1
1
5
2
0
5
5
1
3
.
3
3
0
.
8
A
S
C
0
.
8
A
S
A
0
.
8
A
S
A
C
0
.
8
A
S
8
9
8
.
8
3
2
.
0
1
1
5
2
0
5
6
.
3
1
7
.
6
3
A
0
.
8
A
S
A
C
0
.
8
A
S
5
.
8
A
S
C
5
.
8
A
S
5
.
8
4
4
.
9
2
9
.
1
1
1
0
1
0
2
9
.
5
1
4
.
1
3
5
.
8
A
S
C
5
.
8
A
S
A
5
.
8
A
S
A
C
5
.
8
A
S
5
.
8
4
4
.
9
2
8
.
0
1
1
0
1
0
2
4
.
4
1
7
.
4
3
A
5
.
8
A
S
A
C
5
.
8
A
S
0
.
9
A
S
C
0
.
9
A
S
9
0
1
6
.
2
1
1
5
5
9
.
6
1
5
.
9
2
0
.
9
A
S
C
0
.
9
A
S
A
0
.
9
A
S
A
C
0
.
9
A
S
9
0
1
5
.
1
1
1
5
5
4
.
5
1
5
.
2
3
A
0
.
9
A
S
A
C
0
.
9
A
S
0
1
A
S
C
0
1
A
S
0
1
1
.
1
1
1
.
4
1
1
3
3
8
.
8
1
6
.
6
2
0
1
A
S
C
0
1
A
S
A
0
1
A
S
A
C
0
1
A
S
0
1
1
.
1
1
8
.
2
1
1
3
3
7
1
4
.
9
2
A
0
1
A
S
A
C
0
1
A
S
1
1
A
S
C
1
1
A
S
1
1
2
.
2
1
4
.
5
1
1
3
3
1
.
0
2
9
.
4
2
1
1
A
S
C
1
1
A
S
A
1
1
A
S
A
C
1
1
A
S
1
1
2
.
2
1
4
1
1
3
3
2
.
8
1
4
.
7
2
A
1
1
A
S
A
C
1
1
A
S
2
1
A
S
C
2
1
A
S
2
1
3
.
3
1
9
.
6
1
1
3
3
2
2
7
.
2
2
2
1
A
S
C
2
1
A
S
A
2
1
A
S
A
C
2
1
A
S
2
1
3
.
3
1
3
.
5
1
1
3
3
9
.
9
1
1
.
5
2
A
2
1
A
S
A
C
2
1
A
S
3
1
A
S
C
3
1
A
S
3
1
4
.
4
1
2
.
8
1
1
3
3
8
.
3
2
1
2
3
1
A
S
C
3
1
A
S
A
3
1
A
S
A
C
3
1
A
S
3
1
4
.
4
1
5
.
6
1
1
3
3
5
.
1
2
2
.
3
2
A
3
1
A
S
A
C
3
1
A
S
4
1
A
S
C
4
1
A
S
4
1
6
.
5
1
8
.
9
1
1
3
3
8
.
5
2
4
.
9
1
4
1
A
S
C
4
1
A
S
A
4
1
A
S
A
C
4
1
A
S
4
1
6
.
5
1
9
.
7
1
1
3
3
2
.
3
2
5
.
1
2
A
4
1
A
S
A
C
4
1
A
S
5
1
A
S
C
5
1
A
S
5
1
7
.
6
1
1
.
1
2
1
3
3
9
.
6
2
8
.
8
1
5
1
A
S
C
5
1
A
S
A
5
1
A
S
A
C
5
1
A
S
5
1
7
.
6
1
2
.
9
1
1
3
3
4
.
4
2
6
.
0
2
A
5
1
A
S
A
C
5
1
A
S
6
1
A
S
C
6
1
A
S
6
1
8
.
7
1
6
.
2
2
1
3
3
8
.
8
2
6
.
7
1
6
1
A
S
C
6
1
A
S
A
6
1
A
S
A
C
6
1
A
S
6
1
8
.
7
1
5
.
0
2
1
3
3
6
2
2
.
9
1
A
6
1
A
S
A
C
6
1
A
S
7
1
A
S
C
7
1
A
S
7
1
9
.
8
1
9
.
3
2
1
3
3
5
.
0
3
4
.
6
1
7
1
A
S
C
7
1
A
S
A
7
1
A
S
A
C
7
1
A
S
7
1
9
.
8
1
7
.
1
2
1
3
3
6
.
7
2
1
.
6
1
A
7
1
A
S
A
C
7
1
A
S
8
1
A
S
C
8
1
A
S
8
1
0
2
3
.
5
2
1
3
3
2
.
2
3
5
.
5
1
8
1
A
S
C
8
1
A
S
A
8
1
A
S
A
C
8
1
A
S
8
1
0
2
3
.
3
2
1
3
3
2
.
9
2
2
.
7
1
A
8
1
A
S
A
C
8
1
A
S
0
2
A
S
C
0
2
A
S
0
2
2
.
2
2
1
.
8
2
1
3
3
8
.
5
3
9
.
3
1
0
2
A
S
C
0
2
A
S
A
0
2
A
S
A
C
0
2
A
S
0
2
2
.
2
2
5
.
5
2
1
3
3
4
.
2
3
4
.
5
1
A
0
2
A
S
A
C
0
2
A
S
2
2
A
S
C
2
2
A
S
2
2
4
.
4
2
9
.
0
3
1
3
3
4
.
9
3
7
.
2
1
2
2
A
S
C
2
2
A
S
A
2
2
A
S
A
C
2
2
A
S
2
2
4
.
4
2
8
2
1
3
3
5
.
5
3
1
.
4
1
A
2
2
A
S
A
C
2
2
A
S
4
2
A
S
C
4
2
A
S
4
2
7
.
6
2
8
.
3
3
1
3
3
3
4
6
.
1
1
4
2
A
S
C
4
2
A
S
A
4
2
A
S
A
C
4
2
A
S
4
2
7
.
6
2
7
.
0
3
1
3
3
9
.
8
3
8
.
2
1
A
4
2
A
S
A
C
4
2
A
S
6
2
A
S
C
6
2
A
S
6
2
9
.
8
2
6
.
6
3
1
3
3
6
.
6
4
7
.
0
1
6
2
A
S
C
6
2
A
S
A
6
2
A
S
A
C
6
2
A
S
6
2
9
.
8
2
2
.
3
3
1
3
3
1
.
2
4
9
.
1
1
A
6
2
A
S
A
C
6
2
A
S
8
2
A
S
C
8
2
A
S
8
2
1
.
1
3
4
.
9
3
1
3
3
0
5
9
.
9
8
2
A
S
C
8
2
A
S
A
8
2
A
S
A
C
8
2
A
S
8
2
1
.
1
3
8
.
5
3
1
3
3
4
.
5
4
1
1
A
8
2
A
S
A
C
8
2
A
S
0
3
A
S
C
0
3
A
S
0
3
3
.
3
3
2
.
2
4
1
3
3
5
.
3
5
3
.
9
0
3
A
S
C
0
3
A
S
A
0
3
A
S
A
C
0
3
A
S
0
3
3
.
3
3
3
.
8
3
1
3
3
4
.
8
4
3
.
0
1
A
0
3
A
S
A
C
0
3
A
S
3
3
A
S
C
3
3
A
S
3
3
7
.
6
3
5
.
6
4
1
3
3
9
5
8
.
5
3
3
A
S
C
3
3
A
S
A
3
3
A
S
A
C
3
3
A
S
3
3
7
.
6
3
2
.
2
4
1
3
3
3
.
3
5
4
.
9
A
3
3
A
S
A
C
3
3
A
S
6
3
A
S
C
6
3
A
S
6
3
0
4
7
.
0
5
1
3
3
3
.
4
6
8
.
7
6
3
A
S
C
6
3
A
S
A
6
3
A
S
A
C
6
3
A
S
6
3
0
4
6
4
1
3
3
1
.
8
5
6
.
8
A
6
3
A
S
A
C
6
3
A
S
0
4
A
S
C
0
4
A
S
0
4
4
.
4
4
3
.
6
5
1
3
3
4
.
1
7
7
0
4
A
S
C
0
4
A
S
A
0
4
A
S
A
C
0
4
A
S
0
4
4
.
4
4
1
.
1
5
1
3
3
5
.
4
6
8
.
7
A
0
4
A
S
A
C
0
4
A
S


Numéro de pièce similaire - SA45CA

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
SA45CA PANJIT-SA45CA Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Shenzhen Luguang Electr...
SA45CA LUGUANG-SA45CA Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Yangzhou yangjie electr...
SA45CA YANGJIE-SA45CA Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Won-Top Electronics
SA45CA WTE-SA45CA Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
logo
MERITEK ELECTRONICS COR...
SA45CA MERITEK-SA45CA Datasheet
293Kb / 4P
   Transient Voltage Suppressors
More results

Description similaire - SA45CA

FabricantNo de pièceFiches techniqueDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shunye Enterprise
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com