Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF4157BCPZ1 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce ADF4157BCPZ1
Description  High Resolution 6 GHz Fractional-N Frequency Synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADF4157BCPZ1 Fiches technique(HTML) 7 Page - Analog Devices

Back Button ADF4157BCPZ1 Datasheet HTML 3Page - Analog Devices ADF4157BCPZ1 Datasheet HTML 4Page - Analog Devices ADF4157BCPZ1 Datasheet HTML 5Page - Analog Devices ADF4157BCPZ1 Datasheet HTML 6Page - Analog Devices ADF4157BCPZ1 Datasheet HTML 7Page - Analog Devices ADF4157BCPZ1 Datasheet HTML 8Page - Analog Devices ADF4157BCPZ1 Datasheet HTML 9Page - Analog Devices ADF4157BCPZ1 Datasheet HTML 10Page - Analog Devices ADF4157BCPZ1 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADF4157
Rev. 0 | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
PFD = 25 MHz, loop bandwidth = 20 kHz, reference = 100 MHz, ICP = 313 μA, phase noise measurements taken on the Agilent E5052A
phase noise system.
10
–40
09
FREQUENCY (GHz)
5
0
–5
–10
–15
–20
–25
–30
–35
1234
5678
P = 4/5
P = 8/9
6.00
5.65
–100
900
TIME (µs)
5.95
5.90
5.85
5.80
5.75
5.70
0
100
200
300
400
500
600
700
800
CSR OFF
CSR ON
Figure 5. RF Input Sensitivity
Figure 8. Lock Time for 200 MHz Jump from 5705 MHz to 5905 MHz
with CSR On and Off
0
–40
0500
5.65
5.60
5.95
5.90
5.85
5.80
5.75
5.70
–100
900
TIME (µs)
FREQUENCY (MHz)
100
200
300
400
VDD = 3V
–5
–10
–15
–20
–25
–30
–35
CSR ON
0
100
200
300
400
500
600
700
800
CSR OFF
.0
Figure 9. Lock Time for 200 MHz Jump from 5905 MHz to 5705 MHz
with CSR On and Off
Figure 6. Reference Input Sensitivity
0
–160
1k
10M
FREQUENCY (Hz)
–20
–40
–60
–80
–100
–120
–140
10k
100k
1M
RF = 5800.25MHz, PFD = 25MHz, N = 232,
FRAC = 335544, FREQUENCY RESOLUTION = 0.74Hz,
20kHz LOOP BW, ICP = 313µA, DSB INTEGRATED PHASE
ERROR = 0.97° RMS, PHASE NOISE @ 2kHz = –87dBc/Hz.
6
–6
05
VCP (V)
4
2
0
–2
–4
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Figure 10. Charge Pump Output Characteristics, Pump Up and Pump Down
Figure 7. Phase Noise and Spurs
(Note that the 250 kHz spur is an integer boundary spur; see the Spur
Mechanisms section for more information.)


Numéro de pièce similaire - ADF4157BCPZ1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4157 AD-ADF4157_15 Datasheet
348Kb / 24P
   High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. D
More results

Description similaire - ADF4157BCPZ1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4157 AD-ADF4157_15 Datasheet
348Kb / 24P
   High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. D
ADF4156 AD-ADF4156 Datasheet
421Kb / 24P
   6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
   6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
   Fractional-N Frequency Synthesizer
CS2200-CP CIRRUS-CS2200-CP_09 Datasheet
218Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_15 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com