Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC5305S Fiches technique(PDF) 1 Page - STANLEY ELECTRIC CO.,LTD.

No de pièce UC5305S
Description  Single Color Ultra High Brightness ?5 Type
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Site Internet  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

UC5305S Fiches technique(HTML) 1 Page - STANLEY ELECTRIC CO.,LTD.

  UC5305S Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. UC5305S Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. UC5305S Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. UC5305S Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. UC5305S Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. UC5305S Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. UC5305S Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. UC5305S Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. UC5305S Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Page 1
U□53□5S Series
Single Color Ultra High Brightness φ5 Type
Recommended Applications
Amusement Equipment, Electric Household Appliances, OA/FA, Other General Applications
・Outer Dimension φ5 Round shape type
・Operation temperature range.
Storage Temperature
:-40℃~100℃
Operating Temperature
:-40℃~85℃
・Lead–free soldering compatible
・ RoHS compliant
Dominant wavelength
Blue
: 470nm (UB)
Blue Green
: 505nm (UC)
Green
: 525nm (UG)
Yellow
: 590nm (UY)
Red
: 626nm (UR)
Product features
Half Intensity Angle
Die materials
UB,UC,UG : InGaN, UY,UR : AlGaInP
UB,UC,UG
: 30 deg.
UY,UR
: 32 deg.
Features
Package
φ5 Round shape type,
UB,UC,UG
: Water Clear epoxy
UY
: Pale Yellow Clear epoxy
UR
: Pale Red Clear epoxy
Rank grouping parameter
Soldering methods
ESD
Packing
TTW (Through The Wave) soldering and manual soldering
InGaN : Less than 1kV(HBM),
AlGaInP : More than 2kV(HBM)
Bulk : 200pcs(MIN.)
Sorted by luminous intensity per rank taping
2006.7.31


Numéro de pièce similaire - UC5305S

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UC5301 UTC-UC5301 Datasheet
194Kb / 6P
   SWITCHED-CAPACITOR VOLTAGE INVERTERS
UC5301G-S08-R UTC-UC5301G-S08-R Datasheet
194Kb / 6P
   SWITCHED-CAPACITOR VOLTAGE INVERTERS
UC5301G-S08-R UTC-UC5301G-S08-R Datasheet
278Kb / 8P
   SWITCHED-CAPACITOR VOLTAGE INVERTERS
UC5301L-S08-R UTC-UC5301L-S08-R Datasheet
194Kb / 6P
   SWITCHED-CAPACITOR VOLTAGE INVERTERS
UC5301L-S08-R UTC-UC5301L-S08-R Datasheet
278Kb / 8P
   SWITCHED-CAPACITOR VOLTAGE INVERTERS
More results

Description similaire - UC5305S

FabricantNo de pièceFiches techniqueDescription
logo
STANLEY ELECTRIC CO.,LT...
H-3000L STANLEY-H-3000L Datasheet
187Kb / 11P
   Single Color Ultra High Brightness ?5 Type
UB5304X STANLEY-UB5304X Datasheet
332Kb / 24P
   Single Color Ultra High Brightness ?5 Type
UB5306X STANLEY-UB5306X Datasheet
319Kb / 24P
   Single Color Ultra High Brightness ?5 Type
1111C STANLEY-1111C Datasheet
392Kb / 27P
   Single Color Ultra High Brightness Type
UB1104B STANLEY-UB1104B Datasheet
269Kb / 18P
   Single Color Ultra High Brightness Type
UB1113F STANLEY-UB1113F_12 Datasheet
1Mb / 18P
   Single Color Ultra High Brightness Type
HUB1105W-TR STANLEY-HUB1105W-TR Datasheet
337Kb / 20P
   Single Color Ultra High Brightness Type
1105W STANLEY-1105W Datasheet
606Kb / 16P
   Single Color Ultra High Brightness Type
UR1113F-TR STANLEY-UR1113F-TR Datasheet
317Kb / 20P
   Single Color Ultra High Brightness Type
HUB1105W STANLEY-HUB1105W Datasheet
330Kb / 20P
   Single Color Ultra High Brightness Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com