Moteur de recherche de fiches techniques de composants électroniques |
|
STK14EX8-TF45 Fiches technique(PDF) 2 Page - Simtek Corporation |
|
STK14EX8-TF45 Fiches technique(HTML) 2 Page - Simtek Corporation |
2 / 18 page 2 Simtek Confidential April, 2007 Document Control #ML0060 Rev 1.0 STK14EC8 Preliminary PIN DESCRIPTIONS Pin Name I/O Description A18-A0 Input Address: The 19 address inputs select one of 524,288 bytes in the nvSRAM array DQ7-DQ0 I/O Data: Bi-directional 8-bit data bus for accessing the nvSRAM E Input Chip Enable: The active low E input selects the device W Input Write Enable: The active low W enables data on the DQ pins to be written to the address location latched by the falling edge of E G Input Output Enable: The active low G input enables the data output buffers during read cycles. De-asserting G high caused the DQ pins to tri-state. VCC Power Supply Power: 3.0V, +20%, -10% HSB I/O Hardware Store Busy: When low this output indicates a Store is in progress (also low during power up while busy). When pulled low external to the chip, it will initiate a nonvolatile STORE operation. A weak pull up resistor keeps this pin high if not connected. (Connection Optional). VCAP Power Supply Autostore Capacitor: Supplies power to the nvSRAM during a power loss to store data from SRAM to nonvolatile storage elements. VSS Power Supply Ground NC No Connect This pin is not connected to the die. (Do not connect in design; reserved for future use) 44-Pin TSOP-II VSS A0 A1 A2 A3 A4 A5 DQ0 DQ1 VCC VCAP DQ2 DQ3 A6 A7 A8 NC NC NC A18 A17 A16 A15 A14 A13 G DQ7 DQ6 VSS VCC DQ5 DQ4 HSB A12 A11 A9 NC NC NC 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 512K x8 NC NC A10 W E (See mechanical drawing on Page 18) |
Numéro de pièce similaire - STK14EX8-TF45 |
|
Description similaire - STK14EX8-TF45 |