Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK14EX8-TF25I Fiches technique(PDF) 5 Page - Simtek Corporation

No de pièce STK14EX8-TF25I
Description  512Kx8 Autostore nvSRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMTEK [Simtek Corporation]
Site Internet  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14EX8-TF25I Fiches technique(HTML) 5 Page - Simtek Corporation

  STK14EX8-TF25I Datasheet HTML 1Page - Simtek Corporation STK14EX8-TF25I Datasheet HTML 2Page - Simtek Corporation STK14EX8-TF25I Datasheet HTML 3Page - Simtek Corporation STK14EX8-TF25I Datasheet HTML 4Page - Simtek Corporation STK14EX8-TF25I Datasheet HTML 5Page - Simtek Corporation STK14EX8-TF25I Datasheet HTML 6Page - Simtek Corporation STK14EX8-TF25I Datasheet HTML 7Page - Simtek Corporation STK14EX8-TF25I Datasheet HTML 8Page - Simtek Corporation STK14EX8-TF25I Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
STK14EC8
5
Simtek Confidential
April, 2007
Document Control #ML0060 Rev 1.0
Preliminary
SRAM READ CYCLES #1 & #2
Note c:
W must be high during SRAM READ cycles.
Note d:
Device is continuously selected with E and G both low
Note e:
Measured
± 200mV from steady state output voltage.
Note f:
HSB must remain high during READ and WRITE cycles.
SRAM READ CYCLE #1: Address Controlledc,d,f
SRAM READ CYCLE #2: E Controlledc,f
NO.
SYMBOLS
PARAMETER
STK14EC8-15
STK14EC8-25
STK14EC8-45
UNITS
#1
#2
Alt.
MIN
MAX
MIN
MAX
MIN
MAX
1tELQV
tACS
Chip Enable Access Time
15
25
45
ns
2tAVAV
c
tAVAV
c
tRC
Read Cycle Time
15
25
45
ns
3tAVQV
d
tAVQV
d
tAA
Address Access Time
15
25
45
ns
4tGLQV
tOE
Output Enable to Data Valid
10
12
20
ns
5tAXQX
d
tAXQX
d
tOH
Output Hold after Address Change
3
3
3
ns
6tELQX
tLZ
Chip Enable to Output Active
3
3
3
ns
7tEHQZ
e
tHZ
Chip Disable to Output Inactive
7
10
15
ns
8tGLQX
tOLZ
Output Enable to Output Active
0
0
0
ns
9tGHQZ
e
tOHZ
Output Disable to Output Inactive
7
10
15
ns
10
tELICCH
b
tPA
Chip Enable to Power Active
0
0
0
ns
11
tEHICCL
b
tPS
Chip Disable to Power Standby
15
25
45
ns
DATA VALID
5
tAXQX
3
tAVQV
DQ (DATA OUT)
ADDRESS
2
tAVAV
6
tELQX
STANDBY
DATA VALID
4
tGLQV
DQ (DATA OUT)
E
ADDRESS
2
tAVAV
G
ICC
ACTIVE
10
tELICCH
11
tEHICCL
7
tEHQZ
8
tGLQX
1
tELQV
9
tGHQZ


Numéro de pièce similaire - STK14EX8-TF25I

FabricantNo de pièceFiches techniqueDescription
logo
Simtek Corporation
STK14EC16 SIMTEK-STK14EC16 Datasheet
550Kb / 21P
   256Kx16 AutoStore nvSRAM
STK14EC16-BF15 SIMTEK-STK14EC16-BF15 Datasheet
550Kb / 21P
   256Kx16 AutoStore nvSRAM
STK14EC16-BF15I SIMTEK-STK14EC16-BF15I Datasheet
550Kb / 21P
   256Kx16 AutoStore nvSRAM
STK14EC16-BF15ITR SIMTEK-STK14EC16-BF15ITR Datasheet
550Kb / 21P
   256Kx16 AutoStore nvSRAM
STK14EC16-BF15TR SIMTEK-STK14EC16-BF15TR Datasheet
550Kb / 21P
   256Kx16 AutoStore nvSRAM
More results

Description similaire - STK14EX8-TF25I

FabricantNo de pièceFiches techniqueDescription
logo
Simtek Corporation
STK14EC8 SIMTEK-STK14EC8_08 Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com