Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC849B Fiches technique(PDF) 4 Page - Pan Jit International Inc.

No de pièce BC849B
Description  NPN GENERAL PURPOSE TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC849B Fiches technique(HTML) 4 Page - Pan Jit International Inc.

  BC849B Datasheet HTML 1Page - Pan Jit International Inc. BC849B Datasheet HTML 2Page - Pan Jit International Inc. BC849B Datasheet HTML 3Page - Pan Jit International Inc. BC849B Datasheet HTML 4Page - Pan Jit International Inc. BC849B Datasheet HTML 5Page - Pan Jit International Inc. BC849B Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PAGE . 4
REV.0-MAR.7.2005
ELECTRICAL CHARACTERISTICS CURVE (BC846B,BAC847B,BC848B,BC849B,BC850B)
0
1
10
100
25
50
75
100
125
150
Junction Temperature, T
J (
OC)
V
CB=30V
0
200
400
600
800
1000
1200
0.01
0.1
1
10
100
1000
Collector Current, I
C (mA)
T
J = 25 ˚C
T
J = 150 ˚C
T
J = 100 ˚C
V
CE=5V
0
50
100
150
200
250
300
350
400
450
500
0.01
0.1
1
10
100
1000
Collector Current, IC (mA)
T
J=25 ˚C
T
J=100˚ C
T
J=150˚ C
V
CE=5V
10
100
1000
0.01
0.1
1
10
100
1000
Collector Current, I
C (mA)
T
J = 25 ˚C
T
J = 150 ˚C
T
J = 100 ˚C
I
C/IB=20
0
200
400
600
800
1000
1200
0.01
0.1
1
10
100
Collector Current, I
C (mA)
T
J = 25 ˚C
T
J = 150 ˚C
T
J = 100 ˚C
I
C/IB=20
1
10
0.1110
100
Reverse Voltage (V)
TJ = 25 ˚C
Cib (EB)
Cob (CB)
Fig. 3.
Typical VBE(ON) vs. Collector Current
Fig. 1.
Typical ICB0 vs. Junction Temperature
Fig. 2.
Typical hFE vs. Collector Current
Fig. 4.
Typical VCE(SAT) vs. Collector Current
Fig. 5.
Typical VBE(SAT) vs. Collector Current
Fig. 6.
Typical Capacitances vs. Reverse Voltage
BC846,BC847,BC848,BC849,BC850 SERIES


Numéro de pièce similaire - BC849B

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BC849B PHILIPS-BC849B Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 08
BC849B NXP-BC849B Datasheet
139Kb / 8P
   NPN general purpose transistors
2004 Jan 16
logo
Zowie Technology Corpor...
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Guangdong Kexin Industr...
BC849B KEXIN-BC849B Datasheet
1Mb / 3P
   NPN Transistors
logo
Siemens Semiconductor G...
BC849B SIEMENS-BC849B Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results

Description similaire - BC849B

FabricantNo de pièceFiches techniqueDescription
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com