Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC327 Fiches technique(PDF) 1 Page - Pan Jit International Inc.

No de pièce BC327
Description  PNP GENERAL PURPOSE TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC327 Fiches technique(HTML) 1 Page - Pan Jit International Inc.

  BC327 Datasheet HTML 1Page - Pan Jit International Inc. BC327 Datasheet HTML 2Page - Pan Jit International Inc. BC327 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BC327 SERIES
5
FEATURES
General purpose amplifier applications
PNP epitaxial silicon, planar design
Collector current IC = -800mA
MECHANICAL DATA
Case: TO-92
Terminals: Solderable per MIL-STD-202, Method 208
Device Marking: BC327-16: 7A
BC327-25: 7B
BC327-40: 7C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
Value
UNIT
Collector - Emitter Voltage
VCE0
-45
V
Collector - Base Voltage
VCB0
-50
V
Emitter - Base Voltage
VEB0
-5.0
V
Collector Current - Continuous
IC
-800
mA
Max Power Dissipation (Note 1)
PTOT
625
mW
Junction and Storage Temperature Range
TJ , TSTG
-55 to 150
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
Value
UNIT
Thermal Resistance , Junction to Ambient (Note 1)
RθJ A
200
/W
Note 1: Transistor mounted on FR-5 board 1.0 x 0.75 x 0.062 in.
PNP GENERAL PURPOSE TRANSISTORS
VOLTAGE
POWER
45
625mW
TO-92
1
2
3
TO-92
1
2
3
3
2
BASE
1
COLLECTOR
EMITTER
BASE
1
COLLECTOR
EMITTER


Numéro de pièce similaire - BC327

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BC327 MOTOROLA-BC327 Datasheet
160Kb / 4P
   Amplifier Transistors(PNP)
logo
List of Unclassifed Man...
BC327 ETC2-BC327 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Unisonic Technologies
BC327 UTC-BC327 Datasheet
86Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
SHENZHEN YONGERJIA INDU...
BC327 WINNERJOIN-BC327 Datasheet
127Kb / 1P
   TRANSISTOR (PNP)
logo
NXP Semiconductors
BC327 PHILIPS-BC327 Datasheet
47Kb / 8P
   PNP general purpose transistor
1999 Apr 15
More results

Description similaire - BC327

FabricantNo de pièceFiches techniqueDescription
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com