Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA159 Fiches technique(PDF) 2 Page - Pan Jit International Inc.

No de pièce BA159
Description  FAST RECOVERY PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BA159 Fiches technique(HTML) 2 Page - Pan Jit International Inc.

  BA159 Datasheet HTML 1Page - Pan Jit International Inc. BA159 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
STAD-NOV.15.2004
Fig.1 FORWARD CURRENT DERATING CURVE
Fig.4 TYPICAL JUNCTION CAPACITANCE
RATING AND CHARACTERISTIC CURVES
3
.0
2.0
1.0
0
0
50
100
150
0
.5
1.5
2.5
AMBIENT TEMPERATURE, C
O
Fig.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
25
20
15
10
5
0
1
2
6
10
20
40
60
100
30
Fig.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine-Wave
JEDEC Method
REVERSE VOLTAGE, VOLTS
100
10
0.1
1
10
100
1
Tj= 25 C
f= 1.0MHz
Vsig = 50mVp -p
O
10
1.0
0.1
.0 1
.00 1
0.2
0 .4
0.6
0 .8
1 .0
1.2
1.4
T= 2 5 C
J
O
1.6
MAXIMUM AVERAGE CURRENT RAING
SINGLEPHASE, HALF-WAVE,60Hz RESISTIVE
ORINDUCTIVELOAD.375"(9m m)LEADLENGTH


Numéro de pièce similaire - BA159

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
BA159 PANJIT-BA159 Datasheet
54Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 400 to 1000 Volts CURRENT - 1.0 Ampere)
logo
HY ELECTRONIC CORP.
BA159 HY-BA159 Datasheet
825Kb / 3P
   Fast Recovery Recitifiers
logo
Vishay Siliconix
BA159 VISHAY-BA159 Datasheet
67Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 26-Oct-09
logo
Nanjing International G...
BA159 DGNJDZ-BA159 Datasheet
178Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
logo
Vishay Siliconix
BA159 VISHAY-BA159 Datasheet
71Kb / 4P
   Fast Switching Plastic Rectifier
30-Aug-06
More results

Description similaire - BA159

FabricantNo de pièceFiches techniqueDescription
logo
Chongqing Pingwei Enter...
1F1 CHONGQING-1F1 Datasheet
40Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
BA157G CHONGQING-BA157G Datasheet
38Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
logo
Pan Jit International I...
1N4942 PANJIT-1N4942_09 Datasheet
69Kb / 2P
   FAST RECOVERY PLASTIC RECTIFIER
logo
Comchip Technology
1N4933 COMCHIP-1N4933 Datasheet
39Kb / 2P
   Plastic Fast Recovery Rectifier
logo
Chongqing Pingwei Enter...
FR2A CHONGQING-FR2A Datasheet
41Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
FR201G CHONGQING-FR201G Datasheet
39Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
FR201 CHONGQING-FR201 Datasheet
39Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
FR301G CHONGQING-FR301G Datasheet
39Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
FR601 CHONGQING-FR601 Datasheet
41Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
RS1A CHONGQING-RS1A Datasheet
41Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com