Moteur de recherche de fiches techniques de composants électroniques |
|
CB1SSA221553329 Fiches technique(PDF) 1 Page - Bookham, Inc. |
|
CB1SSA221553329 Fiches technique(HTML) 1 Page - Bookham, Inc. |
1 / 4 page Data Sheet 1 Bookham filters leverage the proprietary Advanced Energetic Deposition (AED) process to produce the industry’s best PON filter solutions. The AED process features state-of-the-art layer thickness control to produce thin-film interference filters that are unparalleled for FTTx WDM applications. Passive Optical Network (PON) designs deliver the Triple Play of voice, data and video to customers in FTTx access networks. The flat passband design of Bookham’s filters allow for the best performance in video transmission while the deep reflection notch improves the isolation of 1550nm signals from the 1310nm return signal and 1490nm downstream data. Similar filters are available from Bookham centered at 1490nm and 1310nm. This filter can be used at both the Optical Line Termination (OLT) at the central office and the Optical Network Unit (ONU) on the customer side. Standard 5.5mm diameter packaging is available with the boot/length specification needed to meet your application. The optional compact packaging has diameter of only 3.2mm. All Bookham filter components are Telcordia GR-1221 qualified and RoHS compliant. Features: • Flat passband design • Deep reflection notch • >40dB isolation at 1490nm and 1310nm • 4.6THz clear channel allocation • Excellent temperature stability • GR-1221 qualified • RoHS compliant Options: • -40 to 85ºC operating temp • Compact packaging: 3.2mm diameter • Rugged packaging Applications: • Metro/Access WDM systems • B-PON / G-PON / GE-PON • FTTH / FTTP / FTTC PON Filter for FTTx 1310/1490/1550nm |
Numéro de pièce similaire - CB1SSA221553329 |
|
Description similaire - CB1SSA221553329 |