Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N3906 Fiches technique(PDF) 1 Page - Pan Jit International Inc.

No de pièce 2N3906
Description  PNP GENERAL PURPOSE SWITCHING TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

2N3906 Fiches technique(HTML) 1 Page - Pan Jit International Inc.

  2N3906 Datasheet HTML 1Page - Pan Jit International Inc. 2N3906 Datasheet HTML 2Page - Pan Jit International Inc. 2N3906 Datasheet HTML 3Page - Pan Jit International Inc. 2N3906 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
REV.0-DEC.12.2005
2N3906
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
VOLTAGE
40 Volts
625 mWatts
FEATURES
• PNP epitaxial silicon, planar design
• Collector-emitter voltage V
CE = 40V
• Collector current I
C = -200mA
• Pb free product are available :99% Sn above can meet RoHS
environment substance directive request
MECHANICAL DATA
Case: TO-92
Terminals: Solderable per MIL-STD-750, Method 2026
Approx Weight : 0.02grams
Marking : S2A
POWER
ABSOLUTE MAXIMUM RATINGS
THERMAL CHARACTERISTICS
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SE
U
L
A
VT
I
N
U
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
r
o
t
c
e
ll
o
C
V
O
E
C
0
4
-V
e
g
a
t
l
o
V
e
s
a
B
-
r
o
t
c
e
ll
o
C
V
O
B
C
0
4
-V
e
g
a
t
l
o
V
e
s
a
B
-
r
e
t
t
i
m
E
V
O
B
E
0
.
5
-V
s
u
o
u
n
i
t
n
o
C
-
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
C
I
C
0
0
2
-A
m
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
x
a
M
P
T
O
T
5
2
6W
m
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
T
G
T
S
0
5
1
o
t
5
5
-
OC
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
T
J
0
5
1
o
t
5
5
-
OC
R
E
T
E
M
A
R
A
P
L
O
B
M
Y
S
E
U
L
A
V
S
T
I
N
U
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
Rθ
A
J
0
0
2
O
W
/
C


Numéro de pièce similaire - 2N3906

FabricantNo de pièceFiches techniqueDescription
logo
New Jersey Semi-Conduct...
2N3906 NJSEMI-2N3906 Datasheet
173Kb / 2P
   PNP SMALL SIGNAL GENERAL PURPOSE AMPLIFIER AND SWITCH
logo
ON Semiconductor
2N3906 ONSEMI-2N3906 Datasheet
145Kb / 6P
   General Purpose Transistors(PNP Silicon)
1996 REV 2
logo
Jiangsu Changjiang Elec...
2N3906 JIANGSU-2N3906 Datasheet
506Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Diotec Semiconductor
2N3906 DIOTEC-2N3906 Datasheet
99Kb / 2P
   Si-Epitaxial PlanarTransistors
logo
Silicon Standard Corp.
2N3906 SSC-2N3906 Datasheet
261Kb / 4P
   TRANSISTOR(PNP)
More results

Description similaire - 2N3906

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
MMBT3906 PANJIT-MMBT3906_08 Datasheet
164Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906W PANJIT-MMBT3906W Datasheet
115Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906W PANJIT-MMBT3906W_10 Datasheet
128Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4403W PANJIT-MMBT4403W_09 Datasheet
273Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906TB PANJIT-MMBT3906TB Datasheet
479Kb / 5P
   PNP General Purpose Switching Transistor
August 10,2022 MMBT3906TB-REV.01
logo
Diotech Company.
MMBT3906 DIOTECH-MMBT3906 Datasheet
2Mb / 5P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Pan Jit International I...
2SB2907 PANJIT-2SB2907 Datasheet
716Kb / 7P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2907A PANJIT-MMBT2907A Datasheet
874Kb / 5P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2907AW PANJIT-MMBT2907AW Datasheet
159Kb / 5P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906-AU PANJIT-MMBT3906-AU Datasheet
312Kb / 6P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com