Moteur de recherche de fiches techniques de composants électroniques |
|
1N4744A Fiches technique(PDF) 3 Page - Pan Jit International Inc. |
|
1N4744A Fiches technique(HTML) 3 Page - Pan Jit International Inc. |
3 / 5 page PAGE . 3 STAD-JUL.05.2004 NOTE: 1. Tolerance and Type Number Designation. The type umbers listed have a standard tolerance on the nominal zener voltage of 5% 2. Specials Available Include: A. Nominal zener voltages between the voltages shown and tighter voltage tolerances. B. Matched sets. 3. Zener Voltage (Vz) Measurement. Guarantees the zener voltage when measured at 90 seconds while maintaining the lead temperature (T ) at 30 C 1 C, from the diode body. 4. Zener Impedance (Zz) Derivation. The zener impedance is derived from the 60 cycle ac voltage, which results when an ac current having an rms value equal to 10% of the dc zener current (Izt or Izk) is superimposed on Izt or Izk. 5. Surge Current (Ir) Non-Repetitive. The rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 + + L oo 1.0 0.75 0.5 0.25 0 0 20 40 60 80 1 1 111 2 0 2 468 0 0 0 000 0 T , LEAD TEMPERATURE ( C) L O RATING AND CHARACTERISTICS CURVES L=LEAD LENGTH TO HEAT SINK FIGURE.1 POWER TEMPERATURE DERATING CURVE FIGURE.2 TEMPERATURE COEFICIENTS (-55 C TO +150 C TEMPERATURE RANGE; 90% OF THE UNITS ARE IN THE RANGES INDICATED.) OO a.RANGE FOR UNITS TO 12 VOLTS b.RANGE FOR UNITS 12 TO 100 VOLTS |
Numéro de pièce similaire - 1N4744A |
|
Description similaire - 1N4744A |