Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC25W4532BBJ59 Fiches technique(PDF) 2 Page - Bookham, Inc.

No de pièce LC25W4532BBJ59
Description  2.5Gb/s Buried Het Laser 360km Extended Reach With Optional Etalon Stabilization
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOOKHAM [Bookham, Inc.]
Site Internet  
Logo BOOKHAM - Bookham, Inc.

LC25W4532BBJ59 Fiches technique(HTML) 2 Page - Bookham, Inc.

  LC25W4532BBJ59 Datasheet HTML 1Page - Bookham, Inc. LC25W4532BBJ59 Datasheet HTML 2Page - Bookham, Inc. LC25W4532BBJ59 Datasheet HTML 3Page - Bookham, Inc. LC25W4532BBJ59 Datasheet HTML 4Page - Bookham, Inc. LC25W4532BBJ59 Datasheet HTML 5Page - Bookham, Inc. LC25W4532BBJ59 Datasheet HTML 6Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet
2
Parameters
Parameter
Conditions
Min
Typ
Max
Unit
Threshold current (I
th)
10
22
mA
Slope efficiency by product
2 mW
0.04
0.09
3 mW
0.06
0.13
4 mW
0.08
0.17
7 mW
0.143
0.43
RF input reflection coef (S
11)
[1]
-10
dB
Forward voltage
1.3
1.8
V
Peak wavelength (
λ
p)
[2]
1527
1605
nm
Dispersion penalty at 360 km
[3]
2
dB
Time averaged spectral linewidth
-20 dB
0.1
0.6
nm
Side-mode suppression
32
40
dB
Optical rise/fall time
[4]
125
ps
Monitor photo current
Unlocked
50
250
1200
µA
Etalon locked
40
250
360
Monitor dark current
100
nA
Thermistor resistance
10
k
Heatpump current
70°C case temperature
250
600
900
mA
Heatpump voltage
70°C case temperature
1.0
2.4
V
Change of
λ
p with laser temp.
15°C to 35°C
0.09
nm/°C
Change in
λ over life and
Unlocked
[5]
-45
+145
pm
operating conditions
Optical Spectral Window
Locked, over life & temperature
-9
+9
GHz
including chirp
[5]
[1] 50
measurement system, f = dc - 3GHz.
[2] Submount temperature between 20°C to 35°C start of life to achieve required
λ
p. For the 10mW version, submount
temperature is between 15°C to 35°C start of life.
[3] Standard product dispersion penalty will be compliant to the specified link length of 360km using an extinction ratio of 10dB.
Fiber dispersion characteristics are derived from the following equation.
Where So =0.092 ps/(nm2.km) and
λ = 1302nm.
[4] Measurements determined from 20 - 80% pk - pk.
[5] For more information on wavelength control and drift over life refer to applications note DR1670. To give symmetrical
wavelength performance about the ITU channel wavelength (+/-95pm) offset the laser wavelength by –50pm at start of
life set up.
)
.
/(
)
(
4
)
(
3
4
0
km
nm
ps
So
D
=
-


Numéro de pièce similaire - LC25W4532BBJ59

FabricantNo de pièceFiches techniqueDescription
logo
Bookham, Inc.
LC25W4532BAJ28 BOOKHAM-LC25W4532BAJ28 Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25W4532BAJ34 BOOKHAM-LC25W4532BAJ34 Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25W4532BAJ57 BOOKHAM-LC25W4532BAJ57 Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25W4532BAJ59 BOOKHAM-LC25W4532BAJ59 Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
More results

Description similaire - LC25W4532BBJ59

FabricantNo de pièceFiches techniqueDescription
logo
Bookham, Inc.
LC25W-A BOOKHAM-LC25W-A Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25ET BOOKHAM-LC25ET Datasheet
247Kb / 6P
   2.5 Gb/s Buried Het 4x100GHz Tunable Laser with Etalon Stabilisation and extended reach option
LC25T BOOKHAM-LC25T Datasheet
233Kb / 8P
   2.5 Gb/s Buried Het 4x100GHz Tunable Laser with extended reach option
LC25WZ BOOKHAM-LC25WZ Datasheet
218Kb / 5P
   2.5Gb/s Buried Het Laser non-WDM applications
LC25WC BOOKHAM-LC25WC Datasheet
220Kb / 5P
   2.5 Gb/s CWDM Buried Het Laser 80Km reach
logo
Vitesse Semiconductor C...
VSC7927 VITESSE-VSC7927 Datasheet
124Kb / 12P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7923 VITESSE-VSC7923 Datasheet
126Kb / 14P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7925 VITESSE-VSC7925 Datasheet
106Kb / 10P
   SONET/SDH 2.5Gb/s Laser Diode Driver
logo
Mitsubishi Electric Sem...
ML0131 MITSUBISHI-ML0131 Datasheet
133Kb / 2P
   FOR OPTICAL TRANSMITTER(2.5Gb/s LASER DRIVER)
logo
Vitesse Semiconductor C...
VSC7924 VITESSE-VSC7924 Datasheet
110Kb / 12P
   SONET/SDH 2.5Gb/s Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com