Moteur de recherche de fiches techniques de composants électroniques |
|
LC25EW4532EBJ59 Fiches technique(PDF) 6 Page - Bookham, Inc. |
|
LC25EW4532EBJ59 Fiches technique(HTML) 6 Page - Bookham, Inc. |
6 / 6 page Data Sheet 6 BH13087 Rev 1.0 January 2007. ©Bookham 2006. Bookham is a registered trademark of Bookham Inc. Ordering Information: LC25 [Etalon Option] [Wavelength] [Power Option] [Reach] [Connector] W = none **** E = 2 mWpk B = 360km - J28 = SC/PC EW = Etalon C = 3 mWpk J34 = FC/PC A = 4 mWpk J57 = LC B = 7 mWpk J59 = MU **** = Last four digits of wavelength value E.g. for lp = 1545.32nm **** = 4532 Product without locker can be tuned onto the next 100GHz ITU channel in the red shift direction (2x100GHz tunability) i.e. an LC25W4135CB-J28 can be tuned to service the 1542.14nm ITU channel. Other connector types are available on request. E.g. LC25W4532BB-J28 is a 7mW 1545.32 nm device with an SC connector for use in a 360km application. E.g. LC25EW4532EB-J28 is a 2mW 1545.32 nm device with an SC connector for use in a 360km application with optional Etalon stabilization. Trimmed lead option Devices can be supplied with the leads trimmed to a length of 3.81mm typ. This option can be specified by adding a ‘K’ suffix after the reach option. E.g. LC25W4532BAK-J28 is a 10mW 1545.32nm device with an SC connector and a lead length of 3.81mm typical, for use in a 175km application. Important Notice Performance figures, data and any illustrative material provided in this data sheet are typical and must be specifically confirmed in writing by Bookham before they become applicable to any particular order or contract. In accordance with the Bookham policy of continuous improvement specifications may change without notice. The publication of information in this data sheet does not imply freedom from patent or other protective rights of Bookham or others. Further details are available from any Bookham sales representative. Contact Information North America Bookham Worldwide Headquarters 2584 Junction Ave. San Jose CA 95134 USA • Tel: +1 408 919 1500 • Fax: +1 408 919 6083 www.bookham.com sales@bookham.com Europe Paignton Office Brixham Road Paignton Devon TQ4 7BE United Kingdom • Tel: +44 (0) 1803 66 2000 • Fax: +44 (0) 1803 66 2801 Asia Shenzhen Office 2 Phoenix Road Futian Free Trade Zone Shenzhen 518038 China • Tel: +86 755 33305888 • Fax: +86 755 33305805 +86 755 33305807 REFERENCE IEC 60825-1: Edition 1.2 INVISIBLE LASER RADIATION DO NOT VIEW DIRECTLY WITH OPTICAL INSTRUMENTS CLASS 1M LASER DANGER OUTPUT POWER 21mW WAVELENGTH >1510nm CLASS IIIb LASER PRODUCT INVISIBLE LASER RADIATION AVOID DIRECT EXPOSURE TO BEAM THIS PRODUCT COMPLIES WITH 21 CFR 1040.10 Caution - use of controls or adjustments or performance of procedures other than those specified herein may result in hazardous radiation exposure. RoHS Compliance Bookham is fully committed to environment protection and sustainable development and has set in place a comprehensive program for removing polluting and hazardous substances from all of its products. The relevant evidence of RoHS compliance is held as part of our controlled documentation for each of our compliant products. RoHS compliance parts are available to order, please refer to the ordering information section for further details. ISO14001:1996 EMS 504193 TL9000 Rev 3.0 (ISO9001:2000) FM15040 |
Numéro de pièce similaire - LC25EW4532EBJ59 |
|
Description similaire - LC25EW4532EBJ59 |