Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC25TCBJ57 Fiches technique(PDF) 3 Page - Bookham, Inc.

No de pièce LC25TCBJ57
Description  2.5 Gb/s Buried Het 4x100GHz Tunable Laser with extended reach option
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOOKHAM [Bookham, Inc.]
Site Internet  
Logo BOOKHAM - Bookham, Inc.

LC25TCBJ57 Fiches technique(HTML) 3 Page - Bookham, Inc.

  LC25TCBJ57 Datasheet HTML 1Page - Bookham, Inc. LC25TCBJ57 Datasheet HTML 2Page - Bookham, Inc. LC25TCBJ57 Datasheet HTML 3Page - Bookham, Inc. LC25TCBJ57 Datasheet HTML 4Page - Bookham, Inc. LC25TCBJ57 Datasheet HTML 5Page - Bookham, Inc. LC25TCBJ57 Datasheet HTML 6Page - Bookham, Inc. LC25TCBJ57 Datasheet HTML 7Page - Bookham, Inc. LC25TCBJ57 Datasheet HTML 8Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet
3
Absolute Maximum Ratings
Reliability/Quality
Parameter
Min
Max
Unit
Case operating temperature (with 2 x 100 GHz tuning)
-20
85
°C
Case operating temperature (with 4 x 100 GHz tuning)
-20
70
°C
Laser submount operating temperature
8
50
°C
Storage temperature
-40
85
°C
Laser current above I
th
100
mA
Laser reverse voltage
1.0
V
Laser reverse current
10
µA
Monitor diode bias
-10
V
Heat Pump Current
1
A
Heatpump voltage
2.4
V
Fibre bend radius
30
mm
Meets Qualification requirements of Telcordia / Bellcore GR468-Core for central office environment.
Operating reliability <500 FITs1 in 15 years.
1 - Assumes laser die submount is held within the range 8°C to 50°C by the internal thermoelectric cooler and the product is
deployed in equal quantities on each of the four channels with a mean forward current of 35 mA. End of life limits based on 10 mA
increase in Ith and 25% change in laser efficiency. FIT rate data for other end of life criteria, including minimum extinction ratio
requirements, are available on request.
Figure 1: Outline Drawing and Pinout Information.
Note: Device can be supplied with the leads trimmed to a length of 3.81 mm typ.
Please see Order Information section.
Outline Drawing


Numéro de pièce similaire - LC25TCBJ57

FabricantNo de pièceFiches techniqueDescription
logo
UN Semiconducctor INC
LC2504-P9 UNSEMI-LC2504-P9 Datasheet
3Mb / 5P
   Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
logo
Shanghai Leiditech Elec...
LC2504P8 LEIDITECH-LC2504P8 Datasheet
373Kb / 3P
   USB 2.0 power and data line
LC2504P8 LEIDITECH-LC2504P8 Datasheet
317Kb / 3P
   LOW CAPACITANCE TVS DIODE ARRAY
LC2504P8 LEIDITECH-LC2504P8_V01 Datasheet
317Kb / 3P
   LOW CAPACITANCE TVS DIODE ARRAY
LC2508P8 LEIDITECH-LC2508P8 Datasheet
258Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR ETHERNET PROTECTION
More results

Description similaire - LC25TCBJ57

FabricantNo de pièceFiches techniqueDescription
logo
Bookham, Inc.
LC25ET BOOKHAM-LC25ET Datasheet
247Kb / 6P
   2.5 Gb/s Buried Het 4x100GHz Tunable Laser with Etalon Stabilisation and extended reach option
LC25WC BOOKHAM-LC25WC Datasheet
220Kb / 5P
   2.5 Gb/s CWDM Buried Het Laser 80Km reach
LC25W-B BOOKHAM-LC25W-B Datasheet
230Kb / 6P
   2.5Gb/s Buried Het Laser 360km Extended Reach With Optional Etalon Stabilization
LC25W-A BOOKHAM-LC25W-A Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25WZ BOOKHAM-LC25WZ Datasheet
218Kb / 5P
   2.5Gb/s Buried Het Laser non-WDM applications
logo
Ericsson
PGT20102 ERICSSON-PGT20102 Datasheet
278Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20327 ERICSSON-PGT20327 Datasheet
290Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20326 ERICSSON-PGT20326 Datasheet
289Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20306 ERICSSON-PGT20306 Datasheet
290Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
logo
Optoway Technology Inc
DL-3100S OPTOWAY-DL-3100S Datasheet
111Kb / 2P
   1310 nm DFB LASER DIODES 2.5 Gb/s MQW-DFB LASER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com