Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC96A1060 Fiches technique(PDF) 1 Page - Bookham, Inc.

No de pièce LC96A1060
Description  400mW 1060nm / 1070nm High Power Laser Diode Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOOKHAM [Bookham, Inc.]
Site Internet  
Logo BOOKHAM - Bookham, Inc.

LC96A1060 Fiches technique(HTML) 1 Page - Bookham, Inc.

  LC96A1060 Datasheet HTML 1Page - Bookham, Inc. LC96A1060 Datasheet HTML 2Page - Bookham, Inc. LC96A1060 Datasheet HTML 3Page - Bookham, Inc. LC96A1060 Datasheet HTML 4Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
1
The Bookham LC96A10x0-20R high power single-mode laser
module has been designed as light source for fiber laser
applications. Processes and techniques of coupling the fiber to
the laser allow high output powers that are very stable with both
time and temperature. Devices are available with kink free
output powers to 400mW.
Features:
• High output power, up to 400mW kink free
• 1060nm or 1070nm wavelength
• Polarization maintaining single-mode fiber pigtail
• Internal thermoelectric heatpump and
monitor photodiode
• Hermetically sealed 14-pin butterfly package
• RoHS compliant
Applications:
• Fiber lasers
• Pumping and printing applications
400mW 1060nm / 1070nm High Power Laser
Diode Module
LC96A10x0-20R


Numéro de pièce similaire - LC96A1060

FabricantNo de pièceFiches techniqueDescription
logo
Bookham, Inc.
LC96A74-20R BOOKHAM-LC96A74-20R Datasheet
151Kb / 5P
   High Power 980nm Pump Laser Module - Grating Stabilized, 600mW
LC96A76-20R BOOKHAM-LC96A76-20R Datasheet
151Kb / 5P
   High Power 980nm Pump Laser Module - Grating Stabilized, 600mW
LC96AA74-20R BOOKHAM-LC96AA74-20R Datasheet
151Kb / 5P
   High Power 980nm Pump Laser Module - Grating Stabilized, 600mW
LC96AA76-20R BOOKHAM-LC96AA76-20R Datasheet
151Kb / 5P
   High Power 980nm Pump Laser Module - Grating Stabilized, 600mW
More results

Description similaire - LC96A1060

FabricantNo de pièceFiches techniqueDescription
logo
Bookham, Inc.
LC95 BOOKHAM-LC95 Datasheet
341Kb / 5P
   980nm Pump Laser Module - Grating Stabilized, 400mW
logo
Hamamatsu Corporation
L11396 HAMAMATSU-L11396_15 Datasheet
132Kb / 2P
   High-Power QCW Laser Diode Stack Module
L11398 HAMAMATSU-L11398_15 Datasheet
157Kb / 2P
   High-Power QCW Laser Diode Stack Module
logo
Micro Commercial Compon...
1N4148W-TP MCC-1N4148W-TP Datasheet
209Kb / 3P
   High Speed Switching Diode 400mW
1N4148WL MCC-1N4148WL Datasheet
482Kb / 3P
   High Speed Switching Diode 400mW
logo
Hamamatsu Corporation
L8413 HAMAMATSU-L8413_15 Datasheet
110Kb / 2P
   High-power Laser Diode CW Single Bar Module
logo
Micro Commercial Compon...
1N4148W MCC-1N4148W_16 Datasheet
331Kb / 3P
   High Speed Switching Diode 400mW
logo
List of Unclassifed Man...
HLDPM12-655 ETC1-HLDPM12-655 Datasheet
379Kb / 1P
   Laser Diode Module
logo
Micro Commercial Compon...
1N4148W MCC-1N4148W_11 Datasheet
174Kb / 3P
   High Speed Switching Diode 400mW
logo
Hamamatsu Corporation
L11408 HAMAMATSU-L11408_15 Datasheet
215Kb / 2P
   High-power Laser Diode CW Stack Bar Module
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com