Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74CBT16390 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce SN74CBT16390
Description  16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT16390 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button SN74CBT16390_07 Datasheet HTML 2Page - Texas Instruments SN74CBT16390_07 Datasheet HTML 3Page - Texas Instruments SN74CBT16390_07 Datasheet HTML 4Page - Texas Instruments SN74CBT16390_07 Datasheet HTML 5Page - Texas Instruments SN74CBT16390_07 Datasheet HTML 6Page - Texas Instruments SN74CBT16390_07 Datasheet HTML 7Page - Texas Instruments SN74CBT16390_07 Datasheet HTML 8Page - Texas Instruments SN74CBT16390_07 Datasheet HTML 9Page - Texas Instruments SN74CBT16390_07 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TAPE AND REEL BOX INFORMATION
Device
Package Pins
Site
Reel
Diameter
(mm)
Reel
Width
(mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74CBT16390DGGR
DGG
56
SITE 41
330
24
8.6
15.6
1.8
12
24
Q1
SN74CBT16390DGVR
DGV
56
SITE 41
330
24
6.8
10.1
1.6
12
24
Q1
SN74CBT16390DLR
DL
56
SITE 41
330
32
11.35
18.67
3.1
16
32
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
4-Oct-2007
Pack Materials-Page 1


Numéro de pièce similaire - SN74CBT16390_07

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74CBT16390 TI-SN74CBT16390_08 Datasheet
333Kb / 11P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
More results

Description similaire - SN74CBT16390_07

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74CBT16390 TI-SN74CBT16390_08 Datasheet
333Kb / 11P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
SN74CBT16390 TI-SN74CBT16390 Datasheet
75Kb / 5P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
logo
Fairchild Semiconductor
FST16233 FAIRCHILD-FST16233 Datasheet
100Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
FSTU32160A FAIRCHILD-FSTU32160A Datasheet
96Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
FST16233MTDX FAIRCHILD-FST16233MTDX Datasheet
101Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
FST16233 ONSEMI-FST16233 Datasheet
203Kb / 8P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
Revised November 2000
logo
Fairchild Semiconductor
FST16232 FAIRCHILD-FST16232 Datasheet
98Kb / 6P
   Synchronous 16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
FSTU32160 FAIRCHILD-FSTU32160_06 Datasheet
118Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch with ??V Undershoot Protection
FSTU32160 FAIRCHILD-FSTU32160 Datasheet
96Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch with -2V Undershoot Protection
FSTU32160MTDX FAIRCHILD-FSTU32160MTDX Datasheet
124Kb / 7P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch with ??V Undershoot Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com