Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS40193DRCTG4 Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce TPS40193DRCTG4
Description  4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS40193DRCTG4 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS40193DRCTG4 Datasheet HTML 5Page - Texas Instruments TPS40193DRCTG4 Datasheet HTML 6Page - Texas Instruments TPS40193DRCTG4 Datasheet HTML 7Page - Texas Instruments TPS40193DRCTG4 Datasheet HTML 8Page - Texas Instruments TPS40193DRCTG4 Datasheet HTML 9Page - Texas Instruments TPS40193DRCTG4 Datasheet HTML 10Page - Texas Instruments TPS40193DRCTG4 Datasheet HTML 11Page - Texas Instruments TPS40193DRCTG4 Datasheet HTML 12Page - Texas Instruments TPS40193DRCTG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
www.ti.com
DEVICE INFORMATION
DRC PACKAGE
(TOP VIEW)
PGD
5
VDD
4
COMP
3
FB
2
ENABLE
1
6
7
8
9
10
BP5
LDRV BOOT
SW
HDRV
TPS40192
TPS40193
TPS40192, TPS40193
SLUS719B – MARCH 2007 – REVISED SEPTEMBER 2007
Table 1. TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Gate drive voltage for the high-side N-channel MOSFET. A capacitor 100 nF typical must be connected
BOOT
8
I
between this pin and SW.
Output bypass for the internal regulator. Connect at least 1
μF capacitor from this pin to GND. Larger
capacitors, up to 4.7
μF will improve noise performance when using a low side FET with a gate charge of
BP5
6
O
25nC or greater. Low power, low noise loads may be connected here if desired. The sum of the external
load and the gate drive requirements must not exceed 50 mA. This regulator is turned off when ENABLE is
pulled low.
COMP
3
O
Output of the error amplifier.
Logic level input which starts or stops the controller from an external user command. A high-level turns the
ENABLE
1
I
controller on. A weak internal pull-up holds this pin high so that the pin may be left floating if this function is
not used.
Inverting input to the error amplifier. In normal operation the voltage on this pin is equal to the internal
FB
2
I
reference voltage (591 mV typical)
GND
(11)
-
Thermal pad ground connection. Common reference for the device. Connect to the system GND.
HDRV
10
O
Bootstrapped output for driving the gate of the high side N channel FET.
LDRV
7
O
Output to the rectifier MOSFET gate
PGD
5
O
Open drain power good output
Sense line for the adaptive anti-cross conduction circuitry. Serves as common connection for the flying high
SW
9
I
side MOSFET driver
VDD
4
I
Power input to the controller
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS40192 TPS40193


Numéro de pièce similaire - TPS40193DRCTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40193DRCTG4 TI-TPS40193DRCTG4 Datasheet
714Kb / 35P
[Old version datasheet]   4.5V TO 18V INPUT 10 PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40193DRCTG4 TI1-TPS40193DRCTG4 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
More results

Description similaire - TPS40193DRCTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40192 TI1-TPS40192_17 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
TPS40195 TI-TPS40195 Datasheet
665Kb / 39P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
TPS40192 TI-TPS40192 Datasheet
714Kb / 35P
[Old version datasheet]   4.5V TO 18V INPUT 10 PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40170QRGYRQ1 TI-TPS40170QRGYRQ1 Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170-EP TI-TPS40170-EP_15 Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170 TI1-TPS40170_11 Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
MARCH2011
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40170 TI-TPS40170_15 Datasheet
1Mb / 47P
[Old version datasheet]   TPS40170 4.5 V to 60 V Wide Input Synchronous PWM Buck Controller
TPS40170-Q1 TI-TPS40170-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS40170-Q1 4.5-V to 60-V, Wide-Input, Synchronous PWM Buck Controller
TPS546C20A TI1-TPS546C20A Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com