Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CM30MD-12H Fiches technique(PDF) 1 Page - Powerex Power Semiconductors

No de pièce CM30MD-12H
Description  CIB Module Three Phase Converter Three Phase Inverter Brake 30 Amperes/600 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWEREX [Powerex Power Semiconductors]
Site Internet  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM30MD-12H Fiches technique(HTML) 1 Page - Powerex Power Semiconductors

  CM30MD-12H Datasheet HTML 1Page - Powerex Power Semiconductors CM30MD-12H Datasheet HTML 2Page - Powerex Power Semiconductors CM30MD-12H Datasheet HTML 3Page - Powerex Power Semiconductors CM30MD-12H Datasheet HTML 4Page - Powerex Power Semiconductors CM30MD-12H Datasheet HTML 5Page - Powerex Power Semiconductors CM30MD-12H Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
CIB Module
Three Phase Converter +
Three Phase Inverter + Brake
30 Amperes/600 Volts
CM30MD-12H
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Outline Drawing and Circuit Diagram
R
S
T
N
P P1
B
G
UV
W
G
EU
G
EV
G
EW
B
UV
W
GU
GV
GW
E
(2 PLACES)
LABEL
RS
T
B
U
V
W
(2 PLACES)
EV
N
PP1
G
E
G
EU
GU
GV
GU
GB
GE
E
EW
GW
GE
G
G
E
GW
GV
G
Q
R
Q
F
Y
B
Z
P
M
N
M
P
M
M
C
H
H
K
K
K
L
K
K
L
J
K
L
K
E
R "U"
A
MAIN TERMINAL
CONTROL
TERMINAL
S
W
V
45°
X
"T" THICK
Dimensions
Inches
Millimeters
A
4.53
115.0
B
2.36
60.0
C
1.18
30.0
D
0.18
4.5
E
4.13
105.0
F
0.20
5.0
G
0.31
8.0
H
0.59
15.0
J
0.68
17.2
K
0.10
2.54
L
0.40
10.16
M
0.49
12.5
Dimensions
Inches
Millimeters
N
0.51
13.0
P
0.59
15.0
Q
1.14
29.0
R
2.28
58.0
S
0.16
4.0
T
0.02
0.6
U
0.22
5.5
V
0.08
2.0
W
0.02
0.6
X
0.35
9.0
Y
0.25
6.3
Z
0.47
12.0
Description:
Powerex CIB Modules are
designed for use in switching
applications. Each module
consists of a three phase diode
converter section, a three phase
IGBT inverter section and a brake
section. All components and
interconnects are isolated from the
heat sinking baseplate, offering
simplified system assembly and
thermal management.
Features:
□ Low Drive Power
□ Low VCE(sat)
□ Discrete Super-Fast
Recovery (70ns)
Free-Wheel Diodes
□ High Frequency Operation
(20-25 kHz)
□ Isolated Baseplate for Easy
Heat Sinking
Applications:
□ AC Motor Control
□ Motion/Servo Control
□ General Purpose Inverters
□ Robotics
Ordering Information:
Example: Select the complete nine
digit module part number you
desire from the table below - i.e.
CM30MD-12H is a 600V (VCES),
30 Ampere CIB Power Module.
Current Rating
VCES
Type
Amperes
Volts (x 50)
CM
30
12


Numéro de pièce similaire - CM30MD-12H

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
CM30MD-12H MITSUBISHI-CM30MD-12H Datasheet
143Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
More results

Description similaire - CM30MD-12H

FabricantNo de pièceFiches techniqueDescription
logo
Powerex Power Semicondu...
CM10MD-12H POWEREX-CM10MD-12H Datasheet
84Kb / 6P
   CIB Module Three Phase Converter Three Phase Inverter Brake 10 Amperes/600 Volts
CM20MD-12H POWEREX-CM20MD-12H Datasheet
66Kb / 6P
   CIB Module Three Phase Converter Three Phase Inverter Brake 20 Amperes/600 Volts
CM15MD-12H POWEREX-CM15MD-12H Datasheet
85Kb / 6P
   CIB Module Three Phase Converter Three Phase Inverter Brake 15 Amperes/600 Volts
CM50MD-12H POWEREX-CM50MD-12H Datasheet
85Kb / 6P
   CIB Module Three Phase Converter Three Phase Inverter Brake 50 Amperes/600 Volts
CM10MD-24H POWEREX-CM10MD-24H Datasheet
85Kb / 6P
   CIB Module Three Phase Converter Three Phase Inverter Brake 10 Amperes/1200 Volts
CM15MD-24H POWEREX-CM15MD-24H Datasheet
85Kb / 6P
   CIB Module Three Phase Converter Three Phase Inverter Brake 15 Amperes/1200 Volts
CM25MD-24H POWEREX-CM25MD-24H Datasheet
85Kb / 6P
   CIB Module Three Phase Converter Three Phase Inverter Brake 25 Amperes/1200 Volts
CM30MD1-12H POWEREX-CM30MD1-12H Datasheet
61Kb / 4P
   CI Module Three Phase Converter Three Phase Inverter 30 Amperes/600 Volts
CM20MD1-12H POWEREX-CM20MD1-12H Datasheet
59Kb / 4P
   CI Module Three Phase Converter Three Phase Inverter 20 Amperes/600 Volts
CM10MD1-12H POWEREX-CM10MD1-12H Datasheet
59Kb / 4P
   CI Module Three Phase Converter Three Phase Inverter 10 Amperes/600 Volts
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com