Moteur de recherche de fiches techniques de composants électroniques |
|
TL494CDRG4 Fiches technique(PDF) 5 Page - Texas Instruments |
|
|
TL494CDRG4 Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 19 page www.ti.com Electrical Characteristics Output Section Dead-Time Control Section PWM Comparator Section Total Device Switching Characteristics TL494 PULSE-WIDTH-MODULATION CONTROL CIRCUITS SLVS074E – JANUARY 1983 – REVISED FEBRUARY 2005 over recommended operating free-air temperature range, VCC = 15 V, f = 10 kHz (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT Collector off-state current VCE = 40 V, VCC = 40 V 2 100 µA Emitter off-state current VCC = VC = 40 V, VE = 0 –100 µA Common emitter VE = 0, IC = 200 mA 1.1 1.3 Collector-emitter saturation voltage V Emitter follower VO(C1 or C2) = 15 V, IE = –200 mA 1.5 2.5 Output control input current VI = Vref 3.5 mA (1) All typical values, except for temperature coefficient, are at TA = 25°C. See Figure 1 PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT Input bias current (DEAD-TIME CTRL) VI = 0 to 5.25 V –2 –10 µA VI (DEAD-TIME CTRL) = 0, CT = 0.01 µF, Maximum duty cycle, each output 45 % RT = 12 kΩ Zero duty cycle 3 3.3 Input threshold voltage (DEAD-TIME CTRL) V Maximum duty cycle 0 (1) All typical values, except for temperature coefficient, are at TA = 25°C. See Figure 1 PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT Input threshold voltage (FEEDBACK) Zero duty cyle 4 4.5 V Input sink current (FEEDBACK) V (FEEDBACK) = 0.7 V 0.3 0.7 mA (1) All typical values, except for temperature coefficient, are at TA = 25°C. PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT VCC = 15 V 6 10 RT = Vref, Standby supply current mA All other inputs and outputs open VCC = 40 V 9 15 Average supply current VI (DEAD-TIME CTRL) = 2 V, See Figure 1 7.5 mA (1) All typical values, except for temperature coefficient, are at TA = 25°C. T A = 25°C PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT Rise time 100 200 ns Common-emitter configuration, See Figure 3 Fall time 25 100 ns Rise time 100 200 ns Emitter-follower configuration, See Figure 4 Fall time 40 100 ns (1) All typical values, except for temperature coefficient, are at TA = 25°C. 5 |
Numéro de pièce similaire - TL494CDRG4 |
|
Description similaire - TL494CDRG4 |