Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL760M33-Q1 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TL760M33-Q1
Description  LOW-DROPOUT FIXED-VOLTAGE REGULATORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL760M33-Q1 Fiches technique(HTML) 3 Page - Texas Instruments

  TL760M33-Q1 Datasheet HTML 1Page - Texas Instruments TL760M33-Q1 Datasheet HTML 2Page - Texas Instruments TL760M33-Q1 Datasheet HTML 3Page - Texas Instruments TL760M33-Q1 Datasheet HTML 4Page - Texas Instruments TL760M33-Q1 Datasheet HTML 5Page - Texas Instruments TL760M33-Q1 Datasheet HTML 6Page - Texas Instruments TL760M33-Q1 Datasheet HTML 7Page - Texas Instruments TL760M33-Q1 Datasheet HTML 8Page - Texas Instruments TL760M33-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TL760M18Q1, TL760M25Q1, TL760M33Q1
LOW DROPOUT FIXEDVOLTAGE REGULATORS
SGLS284F − OCTOBER 2005 − REVISED APRIL 2007
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TL760M25 electrical characteristics at VI = 6 V, IO = 500 mA, TJ = −40°C to 1255C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TL760M25
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Output voltage
IO = 5 mA to 500 mA,
VI = 3 V to 26 V
2.425
2.5
2.575
V
Current consumption,
VIN = 6 V
IO = 250 mA
8
15
mA
Current consumption,
Iq = II − IO
VIN = 6 V
IO = 500 mA
20
30
mA
Line regulation
VI = 3 V to 28 V
10
25
mV
Power-supply ripple rejection
f = 100 Hz,
Vripple = 0.5 VPP,
VI = 6 V
62
dB
Load regulation
IO = 5 mA to 500 mA
4
23
mV
Dropout voltage‡
IO = 250 mA
400
mV
Dropout voltage‡
IO = 500 mA
500
mV
† Pulse-testing techniques are used to maintain the virtual junction temperature as close to the ambient temperature as possible. Thermal effects
must be taken into account separately. All characteristics are measured with a 0.1-
µF capacitor across the input and a 22-µF tantalum capacitor,
with equivalent series resistance of 1.5
Ω on the output.
‡ Measured when the output voltage, VO, has dropped 100 mV from the nominal value obtained when VI = 6 V
TL760M18 electrical characteristics at VI = 6 V, IO = 500 mA, TJ = −40°C to 1255C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TL760M18
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Output voltage
IO = 5 mA to 500 mA,
VI = 3 V to 26 V
1.746
1.8
1.854
V
Current consumption,
VIN = 6 V
IO = 250 mA
8
15
mA
Current consumption,
Iq = II − IO
VIN = 6 V
IO = 500 mA
20
30
mA
Line regulation
VI = 3 V to 28 V
10
25
mV
Power-supply ripple rejection
f = 100 Hz,
Vripple = 0.5 VPP,
VI = 6 V
62
dB
Load regulation
IO = 5 mA to 500 mA
3
17
mV
Dropout voltage
IO = 250 mA
mV
Dropout voltage
IO = 500 mA
mV
† Pulse-testing techniques are used to maintain the virtual junction temperature as close to the ambient temperature as possible. Thermal effects
must be taken into account separately. All characteristics are measured with a 0.1-
µF capacitor across the input and a 22-µF tantalum capacitor,
with equivalent series resistance of 1.5
Ω on the output.
‡ Dropout voltage is limited by the input voltage range, with minimum VI = 3 V.


Numéro de pièce similaire - TL760M33-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL760M33-Q1 TI1-TL760M33-Q1 Datasheet
1Mb / 12P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATORS
More results

Description similaire - TL760M33-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLV2217 TI-TLV2217_15 Datasheet
1Mb / 17P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATORS
TL760M33-Q1 TI1-TL760M33-Q1 Datasheet
1Mb / 12P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATORS
TLV2217 TI-TLV2217 Datasheet
321Kb / 11P
[Old version datasheet]   LOW DROPOUT FIXED VOLTAGE REGULATORS
TLV2217 TI-TLV2217 Datasheet
77Kb / 6P
[Old version datasheet]   LOW-DROPOUT 3.3-V FIXED-VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
logo
Diotec Semiconductor
LDI812C-3.3SFA DIOTEC-LDI812C-3.3SFA Datasheet
666Kb / 3P
   Low Dropout Positive Fixed Voltage Regulators Low-Dropout Positive Festspannungsregler
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
International Rectifier
OM185-5SM IRF-OM185-5SM Datasheet
35Kb / 2P
   SURFACE MOUNT LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS
OM183-5NM IRF-OM183-5NM Datasheet
18Kb / 2P
   SURFACE MOUNT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5010-3.3BTU MSK-MSK5010-3.3BTU Datasheet
195Kb / 5P
   HIGH CURRENT, SUPER LOW DROPOUT FIXED VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com